Electronic Components Datasheet Search
  English  ▼

X  

ORD324 Datasheet(PDF) 1 Page - Comus International

Part # ORD324
Description  Reed Switch - Make Contact Form
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

ORD324 Datasheet(HTML) 1 Page - Comus International

  ORD324 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PICTURE
DIMENSIONS
ORDERING INFORMATION
© 2010 Copyright Comus International, Inc.
Comus International, 454 Allwood Rd. Clifton, NJ 07012 USA. Website: www.comus-intl.com
USA: +(1) 973 777 6900 - UK: +44 (0) 1255 862236 - Belgium: + 32 (0)12 390400 - France: + 33 (0) 1 43 96 86 10
TAKE A LOOK AT OUR VARIETY OF PRODUCTS
Float
Switches
Acceleration /
Shock Switches
Movement
Sensors
Tilt / Tip
Switches
Reed
Relays
Solid State
Relays
High Breakdown
Switches
Reed
Switches
Magnets
Electronic
Tilt / Tip Over
Low Cost
Non-Mercury
Rubber
Keymats
Part Number :
Product Data Sheet
REV. NO.
REVISION NOTE
DATE
SIGNATURE
A
Datasheet Redesign
February 2010
LG
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office wil be pleased to help you with the latest information
on this product range and the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
Page  of 
ORD324
PART NUMBER ORD324 10 50
Type
Minimum Sensitivity (AT)
Maximum Sensitivity (AT)
Example:
Type ORD324 Standard Sensitivity. Pull-in sensitivity
between 10 to 50 AT is PART NO: ORD324 10 50.
TECHNICAL SPECIFICATIONS
Structure and Dimensions
Contact Arrangement
Form A (Make Contact)
Contact Material
Iridium
Glass Diameter
2.20 Ø
mm
Max
Glass Length
14.0
mm
Max
Overall Length
44.3 ±0.5
mm
Electrical Characteristics
Pull-in
10 - 50
AT
Drop-Out
5
AT
Min
Contact Resistance
100
mΩ
Max
Breakdown Voltage
250
DCV
Min
Insulation Resistance
1010
Ω
Min
Electrostatic Capacitance
0.3
pF
Max
Contact Rating
10
W, VA
Maximum Switching Voltage
200
DCV
Maximum Switching Current
0.5
A
Maximum Carry Current
1.0
A
Operating Characteristics
Operate Time
0.4
ms
Max
Bounce Time
0.3
ms
Max
Release TIme
0.05
ms
Max
Resonant Frequency
5000±400
Hz
Maximum Operating Frequency
500
Hz
Environmental Characteristics
Schock
980(100G)
m/s2
(6 ms)
Vibration
490(50G)
m/s2
(10 - 2000 Hz)
Temperature Range
-40° + 125°
C°
Lead Tensile Strength
29.4(3Kg)
N
Reed Switch - Make Contact Form








Note 1:
When cutting or bending switch leads it is important that the glass seal is not damaged. The cutting or bending point should be no closer than 3mm [.8 in]
to the glass to metal seal and the lead should be supported between the cutting or bending point and the glass to metal seal.
Note 2:
We offer a crop and form service for Reed Switches to be customized to your specification.
Drawings not to scale. All Dimension in mm[in] nominal


Similar Part No. - ORD324

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
ORD324 MEDER-ORD324 Datasheet
1Mb / 19P
REED SWITCH
logo
OKI electronic componet...
ORD324 OKI-ORD324 Datasheet
1Mb / 19P
REED SWITCH
logo
Standex Electronics, In...
ORD324 STANDEX-ORD324 Datasheet
755Kb / 6P
ORD324 Reed Switch General purpose miniature-type
Version 01 Feb 2022
ORD324H STANDEX-ORD324H Datasheet
505Kb / 6P
ORD324H REED SWITCH General purpose miniature-type, long lead
Version 01 Feb 2022
logo
Comus International
ORD324S-1 COMUS-ORD324S-1 Datasheet
607Kb / 1P
Reed Switch - Moulded/SMD - Normally Open Contact
More results

Similar Description - ORD324

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AD810XXXXX CELDUC-AD810XXXXX Datasheet
94Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI03 CELDUC-AI03 Datasheet
340Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AJ21 CELDUC-AJ21 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGEOVER
CG21 CELDUC-CG21 Datasheet
409Kb / 4P
REED SWITCH DRY CONTACT CHANGEOVER
IA23 CELDUC-IA23 Datasheet
107Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
logo
PIC GmbH
PMC-1001THY PIC-PMC-1001THY Datasheet
189Kb / 5P
SMD-Form B-Reed Switch for automated assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com