Electronic Components Datasheet Search
  English  ▼

X  

QPD1035L Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPD1035L
Description  40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1035L Datasheet(HTML) 1 Page - Qorvo, Inc

  QPD1035L Datasheet HTML 1Page - Qorvo, Inc QPD1035L Datasheet HTML 2Page - Qorvo, Inc QPD1035L Datasheet HTML 3Page - Qorvo, Inc QPD1035L Datasheet HTML 4Page - Qorvo, Inc QPD1035L Datasheet HTML 5Page - Qorvo, Inc QPD1035L Datasheet HTML 6Page - Qorvo, Inc QPD1035L Datasheet HTML 7Page - Qorvo, Inc QPD1035L Datasheet HTML 8Page - Qorvo, Inc QPD1035L Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
QPD1035L
40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
Data Sheet Rev. A, May 2024 | Subject to change without notice
1 of 21
www.qorvo.com
®
Key Features
• Operating Frequency Range: DC – 6 GHz
• Operating Voltage: 50 V
• Output Power (P3dB) = 50 W (1)
• Drain Efficiency (P3dB) = 52.2 % (1)
• Linear Gain = 15.1 dB (1)
• Low thermal resistance package
Notes:
(1) Typical EVB Performance at 5.65 GHz
Product Overview
The QPD1035L is a 40W (P3dB) discrete GaN on SiC
HEMT which operates from DC to 6 GHz on a 50V supply
rail. The device has an input pre-match and is ideally
suitable for broadband amplifier application for pulsed
and CW operations.
Lead free and RoHS compliant.
Functional Block Diagram
Ordering Information
Part No.
Description
QPD1035L
30W, DC
– 6GHz, Flanged
QPD1035LEVB0-50V
QPD1035L 5.4
– 5.9 GHz 50V EVB
Applications
• Military Radar
• Civilian Radar
• Professional and military radio communications
• Test instrumentation
• Wideband or narrowband amplifiers
• Jammers


Similar Part No. - QPD1035L

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1035 QORVO-QPD1035 Datasheet
1Mb / 21P
40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
May 2024
More results

Similar Description - QPD1035L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
DC ??6 GHz 18 W GaN RF Power Transistor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3_15 Datasheet
487Kb / 15P
DC 6 GHz 18 W GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
T2G6003028-FS QORVO-T2G6003028-FS_V01 Datasheet
2Mb / 20P
30 W, 28V DC ??6 GHz, GaN RF Power Transistor
August 2021
QPD1016L QORVO-QPD1016L Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
T2G6003028-FL QORVO-T2G6003028-FL Datasheet
2Mb / 21P
30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
logo
WOLFSPEED, INC.
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com