Electronic Components Datasheet Search
  English  ▼

X  

QPD2120D Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPD2120D
Description  1200 um Discrete GaAs pHEMT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD2120D Datasheet(HTML) 1 Page - Qorvo, Inc

  QPD2120D Datasheet HTML 1Page - Qorvo, Inc QPD2120D Datasheet HTML 2Page - Qorvo, Inc QPD2120D Datasheet HTML 3Page - Qorvo, Inc QPD2120D Datasheet HTML 4Page - Qorvo, Inc QPD2120D Datasheet HTML 5Page - Qorvo, Inc QPD2120D Datasheet HTML 6Page - Qorvo, Inc QPD2120D Datasheet HTML 7Page - Qorvo, Inc QPD2120D Datasheet HTML 8Page - Qorvo, Inc QPD2120D Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
QPD2120D
1200 um Discrete GaAs pHEMT
Data Sheet Rev. A, August 2022
Subject to change without notice. | All rights reserved
1 of 2
www.qorvo.com
®
Product Overview
The Qorvo QPD2120D is a discrete 1200 micron pHEMT
which operates from DC to 20 GHz. The QPD2120D is
fabricated using Qorvo’s proven standard 0.25 um power
pHEMT
production
process.
This
process
features
advanced techniques to optimize microwave power and
efficiency at high drain bias operating conditions.
The QPD2120D typically provides 31 dBm of output power
at P1dB with gain of 11 dB and 57% power-added efficiency
at 1 dB compression. This performance makes the
QPD2120D appropriate for high efficiency applications.
The protective overcoat layer with silicon nitride provides a
level of environmental robustness and scratch protection.
The QPD2120D is lead-free and RoHS compliant.
Key Features
• Frequency: DC – 20 GHz
• Output Power (P1dB)1: 31 dBm
• Typical Gain1: 11 dB
• Typical PAE1dB1: 57%
• Noise Figure1: 1 dB
• No Vias
• Technology: 0.25 um GaAs pHEMT
• Chip Dimensions: 0.41 x 0.54 x 0.10 mm
Notes:
1. @ 12 GHz
Functional Block Diagram
Pad Dimensions
Terminal
71 um x 71 um
Gate
71 um x 71 um
Drain
113.8 um x 71 um
Source (outermost)
113.8 um x 106 um
Source (center)
Applications
• Defense and Aerospace
• High-Reliability
• Test and Measurement
• Commercial
• Broadband Wireless
Ordering Information
Part Number
Description
QPD2120D
1200 um GaAs pHEMT
Gate
Drain
Source


Similar Part No. - QPD2120D

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD2160D QORVO-QPD2160D Datasheet
1Mb / 10P
1600 um Discrete GaAs pHEMT
August 2022
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194PCB4B01 TRIQUINT-QPD2194PCB4B01 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194S2 TRIQUINT-QPD2194S2 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194SQ TRIQUINT-QPD2194SQ Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results

Similar Description - QPD2120D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2120 TRIQUINT-TGF2120 Datasheet
217Kb / 6P
1200um Discrete GaAs pHEMT
TGF2060 TRIQUINT-TGF2060 Datasheet
410Kb / 8P
600 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040 Datasheet
411Kb / 8P
400 um Discrete GaAs pHEMT
TGF2018 TRIQUINT-TGF2018_15 Datasheet
245Kb / 8P
180 um Discrete GaAs pHEMT
TGF2025 TRIQUINT-TGF2025_15 Datasheet
424Kb / 8P
250 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040_15 Datasheet
411Kb / 8P
400 um Discrete GaAs pHEMT
TGF2060 TRIQUINT-TGF2060_15 Datasheet
410Kb / 8P
600 um Discrete GaAs pHEMT
TGF2080 TRIQUINT-TGF2080_15 Datasheet
191Kb / 6P
800um Discrete GaAs pHEMT
TGF2120 TRIQUINT-TGF2120_15 Datasheet
212Kb / 6P
1200um Discrete GaAs pHEMT
TGF2160 TRIQUINT-TGF2160_15 Datasheet
225Kb / 6P
1600um Discrete GaAs pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com