Electronic Components Datasheet Search
  English  ▼

X  

SN74F38D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F38D
Description  QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74F38D Datasheet(HTML) 1 Page - Texas Instruments

  SN74F38D Datasheet HTML 1Page - Texas Instruments SN74F38D Datasheet HTML 2Page - Texas Instruments SN74F38D Datasheet HTML 3Page - Texas Instruments SN74F38D Datasheet HTML 4Page - Texas Instruments SN74F38D Datasheet HTML 5Page - Texas Instruments SN74F38D Datasheet HTML 6Page - Texas Instruments SN74F38D Datasheet HTML 7Page - Texas Instruments SN74F38D Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN54F38, SN74F38
QUADRUPLE 2INPUT POSITIVENAND BUFFERS
WITH OPENCOLLECTOR OUTPUTS
SDFS013A − MARCH 1987 − REVISED OCTOBER 1993
Copyright
 1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These devices contain four independent 2-input
NAND buffer gates with open-collector outputs.
They perform the Boolean functions Y = A
• B or
Y = A + B in positive logic.
The
open-collector
outputs
require
pullup
resistors to perform correctly. They may be
connected to other open-collector outputs to
implement active-low wired-OR or active-high
wired-AND functions. Open-collector devices are
often used to generate higher VOH levels.
The SN54F38 is characterized for operation over
the full military temperature range of − 55
°C to
125
°C. The SN74F38 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic symbol†
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
9
3A
10
3B
12
4A
13
4B
&
1Y
3
2Y
6
3Y
8
4Y
11
1Y
3
1
1A
2
1B
2Y
6
4
2A
5
2B
3Y
8
9
3A
10
3B
4Y
11
12
4A
13
4B
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54F38 ...J PACKAGE
SN74F38 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54F38 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F38D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F38D TI-SN74F38D Datasheet
69Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74F38DG4 TI1-SN74F38DG4 Datasheet
84Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74F38DR TI1-SN74F38DR Datasheet
84Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74F38DRE4 TI1-SN74F38DRE4 Datasheet
84Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74F38DRG4 TI1-SN74F38DRG4 Datasheet
84Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
More results

Similar Description - SN74F38D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5438 TI-SN5438 Datasheet
623Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS03B TI-SN54ALS03B Datasheet
69Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS38B TI-SN54ALS38B Datasheet
69Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54F38 TI-SN54F38 Datasheet
69Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS38 HITACHI-HD74LS38 Datasheet
44Kb / 5P
Quadruple 2-input Positive NAND Buffers(with Open Collector Outputs)
logo
Texas Instruments
SN5439 TI-SN5439 Datasheet
86Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1003A TI-SN54ALS1003A Datasheet
42Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS38 RENESAS-HD74LS38 Datasheet
76Kb / 6P
Quadruple 2-input Positive NAND Buffers (with Open Collector Outputs)
logo
Texas Instruments
SN54ALS03B TI1-SN54ALS03B_14 Datasheet
695Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5438 TI1-SN5438_V01 Datasheet
1Mb / 24P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
REVISED MARCH 1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com