Electronic Components Datasheet Search
  English  ▼

X  

BAV99WH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99WH
Description  150mA, 100V Dual High Speed Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99WH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV99WH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99WH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99WH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV99WH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAV99WH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAV99WH
Taiwan Semiconductor
1
Version: A2412
150mA, 100V Dual High Speed Switching Diode
FEATURES
● AEC-Q101 qualified
● Fast switching speed
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● High-speed switching
● General-purpose switching
MECHANICAL DATA
● Case: SOT-323
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Weight: 5.00mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
150
mA
VRRM
100
V
IFSM
2
A
TJ MAX
150
°C
VF at IF=150mA
1.25
V
Configuration
Dual die
PACKAGE: SOT-323
PIN CONFIGURATION
CIRCUIT DIAGRAM
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Power dissipation(1)
PD
200
mW
Repetitive peak reverse voltage
VRRM
100
V
Forward current
IF
150
mA
Repetitive peak forward current
IFRM
300
mA
Non-repetitive peak forward surge current
t = 1s
IFSM
1
A
t = 1µs
2
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
Note:
1. Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint


Similar Part No. - BAV99WH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99W PHILIPS-BAV99W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
More results

Similar Description - BAV99WH

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
150mA Surface Mount Switching Diode- 100V
MCL4448 FORMOSA-MCL4448_09 Datasheet
98Kb / 7P
150mA Surface Mount Switching Diode- 100V
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
150mA SMALL SIGNAL SWITCHING DIODE - 100V
MMBD4448 WILLAS-MMBD4448 Datasheet
384Kb / 2P
150mA Surface Mount Switching Diode-100V
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
Dual high-speed switching diode
Rev. 5-5 March 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
Dual high-speed switching diode
Rev. 6-23 July 2012
logo
WILLAS ELECTRONIC CORP
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
200mA Speed Switching Diode-100V
logo
ON Semiconductor
MMSD914 ONSEMI-MMSD914 Datasheet
158Kb / 5P
Switching Diode, High Speed, 100V
November, 2012 - Rev. 11
logo
Nexperia B.V. All right...
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
Dual high-speed switching diode
Rev. 5 - 5 March 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com