Electronic Components Datasheet Search
  English  ▼

X  

TLGE33CPF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLGE33CPF
Description  Panel Circuit Indicators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLGE33CPF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLGE33CPF Datasheet HTML 1Page - Toshiba Semiconductor TLGE33CPF Datasheet HTML 2Page - Toshiba Semiconductor TLGE33CPF Datasheet HTML 3Page - Toshiba Semiconductor TLGE33CPF Datasheet HTML 4Page - Toshiba Semiconductor TLGE33CPF Datasheet HTML 5Page - Toshiba Semiconductor TLGE33CPF Datasheet HTML 6Page - Toshiba Semiconductor TLGE33CPF Datasheet HTML 7Page - Toshiba Semiconductor TLGE33CPF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL(OE,YE,PYE,GE,FGE)33CP(F)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLOE33CP(F)
50
4
120
TLYE33CP(F)
50
4
120
TLPYE33CP(F)
50
4
120
TLGE33CP(F)
50
4
120
TLFGE33CP(F)
50
4
120
−40~100
−40~120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLOE33CP(F)
605
(612)
20
20
1530
4000
20
2.0
2.4
20
50
4
TLYE33CP(F)
587
(590)
17
20
1530
3500
20
2.0
2.4
20
50
4
TLPYE33CP(F)
580
(583)
14
20
476
1400
20
2.0
2.4
20
50
4
TLGE33CP(F)
571
(574)
17
20
272
800
20
2.0
2.4
20
50
4
TLFGE33CP(F)
565
(568)
15
20
153
400
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com