Electronic Components Datasheet Search
  English  ▼

X  

440M Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 440M
Description  RS-485 Modbus RTU Interface to 32 Reed Relay Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

440M Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  440M Datasheet HTML 1Page - Sealevel Systems, Inc. 440M Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS-485 Modbus RTU Interface to 32 Reed Relay Outputs
The SeaI/O-440M provides 32 SPST Form A dry contact Reed relays. Reed relays offer long-life performance and fast response time.
Each relay can switch up to 60VDC @ 500mA. Connection to the host device is made via RS-485. The SeaI/O-440M is powered from
your 9-30VDC source, or select from a variety of Sealevel power supply options.
Communicate with the SeaI/O-440M using industry-standard Modbus RTU protocol or use the Sealevel SeaMAX API software
libraries from your application program. Sealevel’s SeaMAX software drivers and utilities make installation and operation easy using
Microsoft Windows and Linux operating systems.
Expand your I/O network with SeaI/O N-series products. SeaI/O modules are available with Reed and Form C relays, optically
isolated inputs, TTL interfaces, A/D and D/A functionality. Up to 246 additional expansion modules can be added using convenient
pass-through connectors.
Get a jump start on your digital I/O development with The Digital I/O Handbook that will provide helpful information that you will use
again and again. Check out Chapter 1 for an overview of logic principles.
Part: 440M | Model: eI/O AIO-8
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 440M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440M-135 GLENAIR-440M-135 Datasheet
231Kb / 1P
Rotatable Coupling Band-Master ATS Thread-On Adapter
440MS134 GLENAIR-440MS134 Datasheet
216Kb / 1P
Environmental Direct Coupling Band-Master ATS Adapter
More results

Similar Description - 440M

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702765 PHOENIX-2702765 Datasheet
81Kb / 5P
The GW MODBUS TCP/RTU... gateway converts serial based Modbus RTU (or ASCII) to Modbus TCP
2901674 PHOENIX-2901674 Datasheet
75Kb / 4P
SCK communication module for acquiring up to 8 x SCK measuring modules, RS-485 Modbus/RTU output
2702767 PHOENIX-2702767 Datasheet
72Kb / 4P
Interface converters - GW MODBUS TCP/RTU 2E/4DB9
logo
WAGO Kontakttechnik Gmb...
750-315-300-000 WAGO-750-315-300-000 Datasheet
638Kb / 11P
Fieldbus Coupler MODBUS; RS-485; 115,2 kBd
750-815-300-000 WAGO-750-815-300-000 Datasheet
629Kb / 12P
Controller MODBUS; RS-485; 115,2 kBd
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
Wireless Modbus RTU Gateway
20-Sep-2016
logo
PHOENIX CONTACT
2702764 PHOENIX-2702764 Datasheet
144Kb / 10P
Interface converters - GW MODBUS TCP/RTU 1E/1DB9
09/12/2020
2702766 PHOENIX-2702766 Datasheet
145Kb / 10P
Interface converters - GW MODBUS TCP/RTU 2E/2DB9
09/12/2020
logo
Advantech Co., Ltd.
EKI-1242ECMS ADVANTECH-EKI-1242ECMS Datasheet
249Kb / 2P
Modbus RTU/TCP to EtherCAT Fieldbus Gateway
17-Jan-2019
logo
NHP Electrical Engineer...
ILX34-MBS485 NHP-ILX34-MBS485 Datasheet
328Kb / 1P
PROSOFT POINT I/O INRAX MODBUS RTU MASTER/SLAVE RS-485
12 May 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com