Electronic Components Datasheet Search
  English  ▼

X  

RC0100 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RC0100
Description  GENERAL PURPOSE CHIP RESISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0100 Datasheet(HTML) 3 Page - YAGEO Corporation

  RC0100 Datasheet HTML 1Page - YAGEO Corporation RC0100 Datasheet HTML 2Page - YAGEO Corporation RC0100 Datasheet HTML 3Page - YAGEO Corporation RC0100 Datasheet HTML 4Page - YAGEO Corporation RC0100 Datasheet HTML 5Page - YAGEO Corporation RC0100 Datasheet HTML 6Page - YAGEO Corporation RC0100 Datasheet HTML 7Page - YAGEO Corporation RC0100 Datasheet HTML 8Page - YAGEO Corporation RC0100 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 02, 2022 V.12
Product specification
3
10
SERIES
RC_L
0075 to 2512
MARKING
RC0075 / RC0100 / RC0201 / RC0402
No Marking
RC0603
1%, 0.5%,E24 exception values 10/11/13/15/20/75 of E24 series
1%, 0.5%, E96 refer to EIA-96 marking method, including values
10/11/13/15/20/75 of E24 series
5%, E24 series : 3 digits
First two digits for significant figure and 3rd digit for number of zeros
RC0805 / RC1206 / RC1210 / RC2010 / RC2512
1%, 0.5%, E24/E96 series : 4 digits
First three digits for significant figure and 4th digit for number of zeros
5%, E24 series : 3 digits
First two digits for significant figure and 3rd digit for number of zeros
RC1218
E-24 series: 3 digits, ± 5%
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits, ± 1% & ± 0.5%
First three digits for significant figure and 4th digit for number of zeros
For further marking information, please see special data sheet "Chip resistors marking".
Fig. 2 240 = 24 × 100 = 24
YNSC037
0
Fig. 1
ynsc007
Fig. 7 Value = 10 KΩ
YNSC099
Fig. 8 Value = 10 KΩ
YNSC103
00
Fig. 6 Value = 10 KΩ
YNSC001
03
YNSC038
88
Fig. 3 88A = 806 × 100 = 806 Ω
YNSC001
03
Fig. 4 Value = 10 KΩ
Fig. 5 Value = 10 KΩ
YNSC004
00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com