Electronic Components Datasheet Search
  English  ▼

X  

SM5168AX Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5168AX
Description  PLL Synthesizer IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5168AX Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5168AX Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5168AX Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SM5168 series
SEIKO NPC CORPORATION —5
Electrical Characteristics
VSS = 0V, VDD = 2.7 to 3.6V, Ta = −30 to 85°C unless otherwise noted.
Note 1. fFIN = 200MHz (300mVp-p sine wave), fXIN = 20MHz (300mVp-p sine wave), TR = HIGH
Note 2. fFIN = 340MHz (300mVp-p sine wave), fXIN = 20MHz (300mVp-p sine wave), TR = HIGH
Note 3. Signal generator AC-coupled input with 50
Ω termination.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
2.7
–
3.6
V
VDD operating current consumption 1
(SM5168A
× series)
IDD1
Note 1.
VDD = 3.0V
–
3.3
–
mA
VDD = 3.3V
–
–
5.2
VDD operating current consumption 2
(SM5168C
× series)
IDD2
Note 2.
VDD = 3.0V
–
4
–
mA
VDD = 3.6V
–
–
8
FIN maximum operating frequency 1
(SM5168A
× series)
fmax1
300mVp-p sine wave.
Note 3.
VDD = 2.7V
200
–
–
MHz
XIN maximum operating frequency 1
(SM5168A
× series)
fmax2
300mVp-p sine wave
Note 3.
VDD = 2.7V
20
–
–
MHz
FIN maximum operating frequency 2
(SM5168C
× series)
fmax1
300mVp-p sine wave
Note 3.
VDD = 2.7V
340
–
–
MHz
XIN maximum operating frequency 2
(SM5168C
× series)
fmax2
300mVp-p sine wave
Note 3.
VDD = 2.7V
20
–
–
MHz
FIN minimum operating input frequency
fmin
300mVp-p sine wave
Note 3.
VDD = 3.6V
–
–
10
MHz
FIN AC-coupled input voltage range
VAC1
340MHz
VDD = 2.7V
0.3
–
–
Vp-p
XIN AC-coupled input voltage range
VAC2
20MHz
VDD = 2.7V
0.3
–
–
Vp-p
OPR, TR LOW-level input voltage
VIL
VDD = 2.7V
–
–
0.3
V
OPR, TR HIGH-level input voltage
VIH
VDD = 2.7V
VDD − 0.3
–
–
V
XIN LOW-level input current
IIL1
VIN = 0V
VDD = 3.6V
–
–
50
µA
FIN LOW-level input current
IIL2
VIN = 0V
VDD = 3.6V
–
–
50
µA
XIN HIGH-level input current
IIH1
VIN = VDD
VDD = 3.6V
–
–
50
µA
FIN HIGH-level input current
IIH2
VIN = VDD
VDD = 3.6V
–
–
50
µA
OPR, TR LOW-level input leakage current
ILL
VIN = 0V
VDD = 3.6V
–
–
100
nA
OPR, TR HIGH-level input leakage current
ILH
VIN = VDD
VDD = 3.6V
–
–
100
nA
DO, LD LOW-level output voltage
VOL
IOL = 0.25mA
VDD = 2.7V
–
–
0.4
V
DO, LD HIGH-level output voltage
VOH
IOH = 0.25mA
VDD = 2.7V
VDD − 0.4
–
–
V
DO, LD LOW-level output current
IOL
VOL = 0.4V
VDD = 2.7V
0.25
–
–
mA
DO, LD HIGH-level output current
IOH
VOH = VDD − 0.4V
VDD = 2.7V
0.25
–
–
mA
DO three-state output high-impedance
leakage current
IOZL
VOL = 0V
VDD = 3.6V
–
–
100
nA
IOZH
VOH = VDD
VDD = 3.6V
–
–
100
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com