Electronic Components Datasheet Search
  English  ▼

X  

520M Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 520M
Description  RS-485 Modbus RTU Interface to 8 Isolated Inputs / 8 High-Current Form C Relay Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

520M Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  520M Datasheet HTML 1Page - Sealevel Systems, Inc. 520M Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS-485 Modbus RTU Interface to 8 Isolated Inputs /
8 High-Current Form C Relay Outputs
Control and monitor 8 optically isolated inputs and 8 (SPDT) high-current Form C relay outputs with the SeaI/O-520M. Inputs can
range from 5-30VDC and optical isolation protects the computer and other sensitive equipment from voltage transients and ground
loops that are common in industrial environments. The high-current Form C relays can switch up to 6A loads at 250VAC and up to 5A
at 30VDC. Form C relays can be wired for either normally open or normally closed operation. The SeaI/O-520M is powered from your
9-30VDC source, or select from a variety of Sealevel power supply options.
Communicate with the SeaI/O-520M using industry-standard Modbus RTU protocol or use the Sealevel SeaMAX API software
libraries from your application program. Sealevel’s SeaMAX software drivers and utilities make installation and operation easy using
Microsoft Windows and Linux operating systems.
Expand your I/O network with SeaI/O N-series products. SeaI/O modules are available with Reed and Form C relays, optically
isolated inputs, TTL interfaces, A/D and D/A functionality. Up to 246 additional expansion modules can be added using convenient
pass-through connectors.
Get a jump start on your digital I/O development with The Digital I/O Handbook that will provide helpful information that you will use
again and again. Check out Chapter 1 for an overview of logic principles.
Part: 520M | Model: SeaI/O-520M
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 520M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
520M05HA16M3690 CTS-520M05HA16M3690 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
520M10CA26M0000 CTS-520M10CA26M0000 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
520M15DA13M0000 CTS-520M15DA13M0000 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
520M15DA16M3677 CTS-520M15DA16M3677 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
520M15HA16M3677 CTS-520M15HA16M3677 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
More results

Similar Description - 520M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480A MAXIM-MAX1480A Datasheet
487Kb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
MAX1480A MAXIM-MAX1480A_05 Datasheet
2Mb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX253 MAXIM-MAX253_09 Datasheet
826Kb / 17P
Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
logo
List of Unclassifed Man...
CPCI-7252 ETC2-CPCI-7252 Datasheet
407Kb / 2P
8-CH Relay Outputs & 8-CH Isolated DI Cards
PCI-7260 ETC2-PCI-7260 Datasheet
244Kb / 1P
8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
PHOENIX CONTACT
2901674 PHOENIX-2901674 Datasheet
75Kb / 4P
SCK communication module for acquiring up to 8 x SCK measuring modules, RS-485 Modbus/RTU output
logo
Adlink Technology Inc.
PCI-7250 ADLINK-PCI-7250 Datasheet
278Kb / 1P
8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
Advantech Co., Ltd.
ECU-P1628D ADVANTECH-ECU-P1628D Datasheet
386Kb / 1P
8-Port Isolated/Non Isolated RS-232/422/485
27-Jun-2018
logo
NHP Electrical Engineer...
ILX34-MBS485 NHP-ILX34-MBS485 Datasheet
328Kb / 1P
PROSOFT POINT I/O INRAX MODBUS RTU MASTER/SLAVE RS-485
12 May 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com