Electronic Components Datasheet Search
  English  ▼

X  

0ZCM Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ZCM
Description  Surface Mount PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCM Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ZCM Datasheet HTML 1Page - Bel Fuse Inc. 0ZCM Datasheet HTML 2Page - Bel Fuse Inc. 0ZCM Datasheet HTML 3Page - Bel Fuse Inc. 0ZCM Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 0ZCM Series
3 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZCM Apr2020
Pad Layout
Termination Pad Materials
The dimensions in the table below provide the recommended
Pure Tin
pad layout.
Mechanical Dimensions and Marking
Temperature Derating Table
Temperature Derating
I Hold Value
-40
-20
0
23
30
40
50
60
70
85
0ZCM
163%
143%
123%
100%
95%
88%
80%
72%
66%
56%
Thermal Derating Curve
Cautionary Notes
1. Operation beyond the specified maximum ratings or improper use
may result in damage and possible electrical arcing and/or flame.
2. These Polymer PTC (PPTC) devices are intended for protection
against occasional overcurrent/overtemperature fault conditions
and may not be suitable for use in applications where repeated
and/or prolonged fault conditions are anticipated.
3. Avoid contact of PTC device with chemical solvent. Prolonged
contact may adversely impact the PTC performance.
4. These PTC devices may not be suitable for use in circuits with a
large inductance, as the PTC trip can generate circuit voltage
spikes above the PTC rated voltage.
5. These devices may be used in both DC and AC circuits provided
that peak-to-peak line voltage when carrying AC does not exceed
the PTC’s Vmax rating. As PTCs are essentially thermal devices,
the RMS value of AC current carried by a PTC will produce
tripping parameters and times-to-trip similar to those of a DC
voltage of the same magnitude.
6. If potting is mandated, avoid rigid potting compounds as they will
encase the PTC and prevent it from volumetrically expanding to
properly respond to a trip event.
7. MSL: 2a (According to IPC J-Std-020).
P
S
W
Nominal
Nominal
Nominal
mm
Inch
mm
Inch
mm
Inch
0.80
0.031
0.60
0.024
0.80
0.031
All dimensions in mm.
Part Number
Dimensions
Marking Code
C
IH code
Min
Max
0ZCM0001FF2G
0.35
0.85
n
0ZCM0002FF2G
0.35
0.85
w
0ZCM0003FF2G
0.35
0.75
h
0ZCM0004FF2G
0.35
0.75
k
0ZCM0005FF2G
0.35
0.75
u
0ZCM0008FF2G
0.35
0.75
x
0ZCM0008FA2G
0.40
0.60
x
0ZCM0010FF2G
0.35
0.75
d
0ZCM0012FF2G
0.35
0.75
y
0ZCM0016FF2G
0.35
0.75
z
0ZCM0020FF2G
0.35
0.75
f
0ZCM0025FF2G
0.35
0.75
g
Specifications subject to change without notice
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
-40
-20
0
20
40
60
80
Temperature(°
C)
Temperature Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com