Electronic Components Datasheet Search
  English  ▼

X  

SSI-CS10 Datasheet(PDF) 1 Page - Sure Seal Connections

Part # SSI-CS10
Description  Mini Applicator for insulation support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURESEAL [Sure Seal Connections]
Direct Link  
Logo SURESEAL - Sure Seal Connections

SSI-CS10 Datasheet(HTML) 1 Page - Sure Seal Connections

  SSI-CS10 Datasheet HTML 1Page - Sure Seal Connections SSI-CS10 Datasheet HTML 2Page - Sure Seal Connections  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
▲
Specifications subject to change; see inside back cover.
6
For technical assistance, price or delivery info. call 1-800-523-0727 or visit www.suresealconnections.com
* Silver available 50K minimum, please call.
** VE can be used with ITT CANNON VE connectors and Deutsch HD connectors.
NOTE: Sure-Seal® and Mini Sure-Seal® contacts are available in machined contact versions. Call for information.
Power Sure-Seal® contacts are machined contacts.
(1) Loose Piece or 5K Reel
Contacts are available loose piece or
on continuous reels of 5,000 pieces
for use with semi-automated crimping
systems.
(3) Insertion Tool
An insertion tool is required to insert contacts into the
connector. These tools are heavy duty production
hand tools. A holding block should also be used
during the insertion process. An extraction tool is not
required. See assembly instructions. A semi-automatic
insertion tool is available. See page 15.
(2) Wire Hole Fillers
These fillers are inserted into unused
cavities in place of a contact. Wire hole
fillers are required to retain the
watertight sealing if less than a full
compliment of contacts are to be used.
(1)
Index
Contacts
(1)
Wire
Contact Style
A.W.G.
Loose Pins
5K Reel
Loose
5K Reel
Strip Length
Wire Size
Pins
(1)
Sockets
Sockets
(1)
Inches (MM)
.155 - .185
(3.94 - 4.70)
Sure-Seal®
Non-Insulation Support
Tin Plated (Standard)
14-18
030-2196-000
110238-0040
031-1267-000
110238-0085
Gold Plated*
14-18
030-2196-008
110238-0440
031-1267-007
110238-0442
Tin Plated (Standard)†
14-18
030-2196-001
110238-0195
031-1267-001
110238-0194
Gold Plated*†
14-18
030-2196-006
110238-0409
031-1267-005
110238-0408
.185 - .220
(4.70 - 5.59)
Mini Sure-Seal®
Insulation Support
Sure-Seal®
Insulation Support
COLUMN 1
COLUMN 2
COLUMN 3
COLUMN 4
COLUMN 5
COLUMN 6
COLUMN 7
18-20
330-8672-100
121348-0100
031-8703-100
121347-0100
.118 - .130
(3.00 - 3.30)
Power Sure-Seal® (VE)**
4
030-2245-002
-
031-1295-001
-
6
030-2245-001
-
031-1294-001
-
8
030-2244-001
-
031-1299-001
-
10
030-2244-002
-
031-1298-001
-
.460 - .480
(11.7 - 12.2)
Note:
6 AWG & 10 AWG
socket contacts have
unique strip lengths
.515 - .535
(13.1 - 13.6)
➥
Silver Plated
16-20
for 120-1808-200 use SSFMLB16-16S
for 120-1805-200 use SSFMLB16-16P
.245 (6.2)
Gold Plated
16-20
for 120-1808-200 use SSFMLB16-16SG
for 120-1805-200 use SSFMLB16-16PG
.245 (6.2)
New Machined First-Make Last-Break/Pre-Earth Contacts for 120-1808-200 & 120-1805-200 for Cavity 1 Only


Similar Part No. - SSI-CS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSI-263A ETC1-SSI-263A Datasheet
3Mb / 20P
Phoneme Speech synthesizer
logo
LUMEX INC.
SSI-LX20583GDFT150 LUMEX-SSI-LX20583GDFT150 Datasheet
55Kb / 1P
t-2 565mm GREEN STOVEPIPE LED
SSI-LX20583HGWFT15 LUMEX-SSI-LX20583HGWFT15 Datasheet
56Kb / 1P
T-2 700mm RED/ 565mm GREEN STOVEPIPE LED
SSI-LX3054ID-24V LUMEX-SSI-LX3054ID-24V Datasheet
56Kb / 1P
T-3mm 635mm HIGH INTENSITY RED LED
SSI-LX3054IGW-150 LUMEX-SSI-LX3054IGW-150 Datasheet
84Kb / 1P
T-3mm LED, RED/GREEN LED, MILKY WHITE DIFFUSED
More results

Similar Description - SSI-CS10

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63860-3100 MOLEX11-63860-3100 Datasheet
49Kb / 1P
FineAdjust Applicator, Small Insulation
63888-2000 MOLEX11-63888-2000 Datasheet
42Kb / 1P
Mini-Mac Applicator, Use with Large Wire Insulation Diameter
63891-1200 MOLEX11-63891-1200 Datasheet
44Kb / 1P
Mini-Mac Applicator for Mini-Fit Sr. Terminals
63891-7000 MOLEX11-63891-7000 Datasheet
42Kb / 1P
Mini-Mac Applicator, For Narrow Insulation Crimp
63891-9100 MOLEX11-63891-9100 Datasheet
42Kb / 1P
Mini-Mac Applicator, For Standard B Style Insulation Crimps
63894-4000 MOLEX-63894-4000 Datasheet
207Kb / 5P
Mini-Mac Applicator for .093 Diameter Socket without Insulation
07-25-07
ATS-638924500 MOLEX-ATS-638924500 Datasheet
245Kb / 5P
Mini-Mac Applicator for Standard .093
02-13-07
ATS-638939000 MOLEX-ATS-638939000 Datasheet
202Kb / 5P
Mini-Mac Applicator for Mini KK짰 Crimp Terminals
06-28-07
0638917000 MOLEX-0638917000 Datasheet
16Kb / 1P
Mini-Mac Applicator, For Narrow Insulation Crimp
08/26/2022
0638919100 MOLEX-0638919100 Datasheet
17Kb / 2P
Mini-Mac Applicator, For Standard B Style Insulation Crimps
08/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com