Electronic Components Datasheet Search
  English  ▼

X  

TLRH1106 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLRH1106
Description  Panel Circuit Indicator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH1106 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLRH1106 Datasheet HTML 6Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 7Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 8Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 9Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 10Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 11Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 12Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 13Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL(RH,RMH,SH,OH,YH,GH)1106(T11)
2006-07-07
11
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES
: (made by ASAHI GLASS)
KAO CLEAN TROUGH 750H
: (made by KAO)
PINE ALPHA ST-100S
: (made by ARAKAWA CHEMICAL)
TOSHIBA TECHNOCARE
: (made by GE TOSHIBA SILICONES)
(FRW-17, FRW-1, FRV-100)
Precautions when Mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
Tape Specifications
1. Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The
method of classification is as below. (this method, however does not apply to products whose electrical
characteristics differ from standard Toshiba specifications)
(1)
Tape Type: T14 (4-mm pitch)
(2)
Example
2.
Tape dimensions
Unit: mm
Symbol
Dimension
Tolerance
Symbol
Dimension
Tolerance
D
1.5
+0.1/−0
P2
2.0
±0.05
E
1.75
±0.1
W
8.0
±0.3
P0
4.0
±0.1
P
4.0
±0.1
t
0.3
±0.05
A0
2.9
±0.1
F
3.5
±0.05
B0
3.7
±0.1
D1
1.5
±0.1
K0
2.3
±0.1
TLRH1106
(T11)
Tape type
Toshiba product No.
A0
P
D1
F
E
W
Polarity
t
K0
B0
D
P2
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com