Electronic Components Datasheet Search
  English  ▼

X  

MP6527GF-Z Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6527GF-Z
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527GF-Z Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6527GF-Z Datasheet HTML 9Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 10Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 11Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 12Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 13Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 14Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 15Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 16Page - Monolithic Power Systems MP6527GF-Z Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
13
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
11
HBEN5
Enables half-bridge 5.
1: Half-bridge 5 is active
0: Half-bridge 5 is in Hi-Z
10
HBEN4
Enables half-bridge 4.
1: Half-bridge 4 is active
0: Half-bridge 4 is in Hi-Z
9
HBEN3
Enables half-bridge 3.
1: Half-bridge 3 is active
0: Half-bridge 3 is in Hi-Z
8
HBEN2
Enables half-bridge 2.
1: Half-bridge 2 is active
0: Half-bridge 2 is in Hi-Z
7
HBEN1
Enables half-bridge 1.
1: Half-bridge 1 is active
0: Half-bridge 1 is in Hi-Z
6
HBCNF6
Configures half-bridge 6.
1: The high-side (HS) half-bridge is on and the low-side (LS) half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
5
HBCNF5
Configures half-bridge 5.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
4
HBCNF4
Configures half-bridge 4.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
3
HBCNF3
Configures half-bridge 3.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
2
HBCNF2
Configures half-bridge 2.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
1
HBCNF1
Configures half-bridge 1.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
0
OVLO
Enables VSx over-voltage lockout (OVLO).
1: Enabled
0: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com