Electronic Components Datasheet Search
  English  ▼

X  

ISL72028ASEH Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL72028ASEH
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEH Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL72028ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 12Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 13Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 14Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
FN8863 Rev.1.00
Page 11 of 25
Jul 27, 2017
ISL72028ASEH
2. Specifications
2.5
Test Circuits and Waveforms
Figure 10. Driver Test Circuit
Figure 11. Driver Bus Voltage Definitions
Figure 12. Driver Common-Mode Circuit
Figure 13. Driver Timing Test Circuit
Figure 14. Driver Timing Measurement Points
Figure 15. Receiver Voltage Definitions
Figure 16. Receiver Test Circuit
Figure 17. Receiver Test Measurement Points
CAN_H
CAN_L
GND
D
60Ω
V
V VO(CAN_H)
VO(CAN_L)
RECESSIVE
DOMINANT
3V
2.3V
1V
VOD
VO(CAN_H)
VO(CAN_L)
CAN_H
CAN_L
GND
D
60Ω
V
-7V < VCM < 12V
330Ω
330Ω
CAN_H
CAN_L
GND
D
60Ω
V VO
±1%
CL
50pF
±20%
VIN
VIN = 125kHz, 0V to VCC, duty cycle 50%, tr = tf ≤ 6ns, ZO = 50Ω
CL includes fixture and instrumentation capacitance
SCOPE
tPLH
90%
0.9V
10%
0.5V
tPHL
VIN
VO
VDOM
VREC
VCC
0V
0.5 x VCC
tr
tf
CAN_H
CAN_L
R
GND
VCANH
VCANL
VDIFF
VO
CAN_H
CAN_L
R
GND
VIN
1.5V
15pF
VO
VIN = 125kHz, duty cycle 50%, tr = tf = 6ns, ZO = 50Ω
CL includes test setup capacitance
tPLH
90%
50%
10%
50%
tPHL
VIN
VO
VOH
VOL
2.9V
1.5V
2.2V
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com