Electronic Components Datasheet Search
  English  ▼

X  

210 SW Datasheet(PDF) 2 Page - Walther-Werke

Part # 210 SW
Description  IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

210 SW Datasheet(HTML) 2 Page - Walther-Werke

  210 SW Datasheet HTML 1Page - Walther-Werke 210 SW Datasheet HTML 2Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CEEtyp LIGHT & STAGE DEVICES
33
16
5
310 SW
10/60
219
32
5
330 SW
10/60
311
16
3
315 304 SW
315 306 SW
10
140
16
3
311 306 SW
10
147
16
4
311 406 SW
10
197
16
5
311 SW
10
214
32
3
331 306 SW
10
265
32
4
331 406 SW
10
278
32
5
331 SW
10
300
63
3
361 306 SW
5
656
63
4
361 406 SW
5
771
63
5
361 SW
5
787
125
3
379 306 SW2)
2 1362
125
4
379 406 SW2)
2 1536
125
5
379 SW2)
2 1710
16
3
410 304 SW
410 306 SW
10
128
16
4
410 406 SW
10
106
16
5
410 SW
10
165
32
3
430 306 SW
10
208
32
4
430 406 SW
10
215
32
5
430 SW
10
226
63
3
460 306 SW
5
586
63
4
460 406 SW
5
645
63
5
460 SW
5
776
125
3
479 306 SW3)
2
990
125
4
479 406 SW3)
2
1155
125
5
479 SW3)
2 1319
Couplers with gland entry, 16 - 63 A = IP 44 , 125 A = IP 67
2)
Couplers IP 44 , with inverted cable entry
Couplers IP 44 , with cable gland
Panel sockets, straight, 16 - 63 A = IP 44 , 125 A = IP 67
3), fingerproof acc. to BGV A2
331306SW
315306SW
430SW
310SW
Female Connectors & Socket-Outlets IP 44
for
Light & Stage Applications
IEC/EN 60 309
Part numbers
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
g
110 V
50 a. 60 Hz
3pole 4pole 5pole
4h
4h
4h
3
2 P + E
4
3 P + E
3 P + N + E
5
Consult customer service for other amperage and voltage ratings and configurations.
33
C
M
Y
CM
MY
CY
CMY
K
Rev2-IEC60309-Catalog(2ndHalf).pdf
4
7/7/15
12:48 PM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com