Electronic Components Datasheet Search
  English  ▼

X  

STPS340B-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS340B-TR
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340B-TR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS340B-TR Datasheet HTML 1Page - STMicroelectronics STPS340B-TR Datasheet HTML 2Page - STMicroelectronics STPS340B-TR Datasheet HTML 3Page - STMicroelectronics STPS340B-TR Datasheet HTML 4Page - STMicroelectronics STPS340B-TR Datasheet HTML 5Page - STMicroelectronics STPS340B-TR Datasheet HTML 6Page - STMicroelectronics STPS340B-TR Datasheet HTML 7Page - STMicroelectronics STPS340B-TR Datasheet HTML 8Page - STMicroelectronics STPS340B-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2007
Rev 9
1/11
11
STPS340
Power Schottky rectifier
Main product characteristics
Features and Benefits
■ Very small conduction losses
■ Negligible switching losses
■ Low forward voltage drop
■ Low thermal resistance
■ Extremely fast switching
■ Surface mounted device
■ Avalanche capability specified
Description
Single chip Schottky rectifier suited for switch
mode power supplies and high frequency DC to
DC converters.
Packaged in DPAK, SMC, SMB, and low profile
SMB, this device is intended for use in low and
medium voltage operation, high frequency
inverters, free wheeling and polarity protection
applications where low switching losses are
required.
Order codes
IF(AV)
3 A
VRRM
40 V
Tj (max)
150° C
VF (max)
0.57 V
Part Number
Marking
STPS340U
U34
STPS340S
S34
STPS340B
S340
STPS340B-TR
S340
STPS340UF
FU34
K
A
SMB
STPS340U
SMC
STPS340S
NC
A
K
DPAK
STPS340B
K
A
K
A
SMB flat
STPS340UF
www.st.com


Similar Part No. - STPS340B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS340B-TR STMICROELECTRONICS-STPS340B-TR Datasheet
101Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS340B-TR STMICROELECTRONICS-STPS340B-TR Datasheet
96Kb / 7P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS340B-TR STMICROELECTRONICS-STPS340B-TR Datasheet
409Kb / 19P
40 V, 3 A power Schottky rectifier
08-Oct-2019
More results

Similar Description - STPS340B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com