Electronic Components Datasheet Search
  English  ▼

X  

TLN108 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLN108
Description  INFRARED LEDS PHOTO SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN108 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLN108 Datasheet HTML 1Page - Toshiba Semiconductor TLN108 Datasheet HTML 2Page - Toshiba Semiconductor TLN108 Datasheet HTML 3Page - Toshiba Semiconductor TLN108 Datasheet HTML 4Page - Toshiba Semiconductor TLN108 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLN108(F)
2007-10-01
2
Optical And Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 50 mA
―
1.3
1.4
V
Pulse forward voltage
VFP
IFP = 1 A
―
2.4
―
V
Reverse current
IR
VR = 5 V
―
―
10
μA
Radiant intensity
IE
IF = 50 mA
10
20
―
mW / sr
Radiant power
PO
IF = 50 mA
―
3
―
mW
Capacitance
CT
VR = 0, f = 1 MHz
―
30
―
pF
Peak emission wavelength
λP
IF = 50 mA
―
940
―
nm
Spectral line half width
Δλ
IF = 50 mA
―
50
―
nm
Half value angle
θ
2
1
IF = 50 mA
―
±8
―
°
Precautions
Please be careful of the followings.
1.
Soldering temperature: 260°C max
Soldering time: 5s max
(Soldering must be performed 1.5m from the bottom of the package.)
2.
When forming the leads, bend each lead under the 2mm from the body of the device.
Soldering must be performed after the leads have been formed.
3.
Radiant intensity falls over time due to the current which flows in the infrared LED.
When designing a circuit, take into account this change in radiant power over time.
The ratio of fluctuation in radiation intensity to fluctuation in optical output is 1 : 1.
(0)
P
(t)
P
(0)
I
(t)
I
O
O
E
E
=



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com