Electronic Components Datasheet Search
  English  ▼

X  

TLN110 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLN110
Description  INFRARED LED GAAS INFRARED EMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN110 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLN110 Datasheet HTML 1Page - Toshiba Semiconductor TLN110 Datasheet HTML 2Page - Toshiba Semiconductor TLN110 Datasheet HTML 3Page - Toshiba Semiconductor TLN110 Datasheet HTML 4Page - Toshiba Semiconductor TLN110 Datasheet HTML 5Page - Toshiba Semiconductor TLN110 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLN110(F)
2007-10-01
1
TOSHIBA Infrared LED GaAs Infrared Emitter
TLN110(F)
Lead(Pb)-Free
Remote−control Systems
Opto−electronic Switches
• High radiant intensity: IE = 30mW / sr (typ.)
• Excellent radiant−intensity linearity. Modulation by pulse operation
and high frequency is possible.
• TPS703(F) PIN photodiode with resin to screen out visible light
available as detector for remote control
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
100
mA
Forward current derating
(Ta > 25°C)
ΔIF / °C
−1.33
mA / °C
Pulse forward current
IFP (Note 1)
1
A
Reverse voltage
VR
5
V
Power dissipation
PD
150
mW
Operating temperature range
Topr
−20~75
°C
Storage temperature range
Tstg
−30~100
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Note 1: Pulse width ≤ 100μs, repetitive frequency = 100 Hz
Optical And Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 100mA
―
1.35
1.5
V
Reverse current
IR
VR = 5V
―
―
10
μA
Radiant intensity
IE
IF = 50mA
15
30
―
mW / sr
Radiant power
PO
IF = 50mA
―
9
―
mW
Capacitance
CT
VR = 0, f = 1MHz
―
20
―
pF
Peak emission wavelength
λP
IF = 50mA
―
940
―
nm
Spectral line half width
Δλ
IF = 50mA
―
45
―
nm
Half value angle
θ
2
1
IF = 50mA
―
±8
―
°
Unit: mm
TOSHIBA
4−6C4
Weight: 0.32 g (typ.)
Pin Connection
1. Anode
2. Cathode
12


Similar Part No. - TLN110

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
More results

Similar Description - TLN110

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
TOSHIBA INFRARED LED GAAS INFRARED EMITTER
25-Jan-2002
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
TOSHIBA INFRARED LED GaAs INFRARED EMITTER
logo
Marktech Corporate
MTE1100 MARKTECH-MTE1100 Datasheet
78Kb / 2P
GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR
logo
Toshiba Semiconductor
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
INFRARED LED GaAS INFRARED EMITTER
08-Sep-1997
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
Infrared LED GaAs Infrared Emitter
TLN117 TOSHIBA-TLN117_07 Datasheet
211Kb / 5P
INFRARED LED GAAS INFRAED EMITTER
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
Infrared LED GaAs Infrared Emitter
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
GaAs Infrared Emitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com