Electronic Components Datasheet Search
  English  ▼

X  

DHM5 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DHM5
Description  PROGRAMMABLE INCREMENTAL ENCODERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DHM5 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DHM5 Datasheet HTML 1Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 2Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 3Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Easy multiplication of the basis resolution of the disk: 1, 2, 3, 4, 5, 8, 10, 12 and 16 times per dip-switch without
specific software nor hardware.
DIGITAL OUTPUT SIGNALS (SQUARE WAVE SIGNALS)
RP2 Electronic (300kHz)
Supply: 4,75 to 30Vdc
Cons. without Load: 75mA max
Current Per Channel: 40mA max
0 Max (Is=20mA): V
ol = 0,5Vdc
1 Min (Is=20mA): V
oh = 4Vdc
PP5 Electronic (300kHz)
Supply: 5 to 30Vdc
Cons. without Load: 75mA max
Current Per Channel: 40mA max
0 Max (Is=20mA): V
ol = 0,5Vdc
1 Min (Is=20mA): V
oh = Vcc-2,5Vdc
Protection against short circuits and against reverse polarity for all the electronics.
STANDARD CONNECTIONS
-
+
A or S B or C 0 or Z A/ or S/ B/ or C/ 0/ or Z/
Ground
G6
M23 - 12 Pins CW
1
2
3
4
5
6
7
8
Connector Body
G8
M23 - 12 Pins CCW
10 + 11
2 + 12
8
5
3
1
6
4
Connector Body
G3
PVC Cable 8 Wires
8230/020
WH
White
BN
Brown
GN
Green
YE
Yellow
GY
Grey
PK
Pink
BU
Blue
RD
Red
General Shielding
GP
PUR Cable 12 Wires
8230/050
WH White + WH/GN
White /Green
BU Blue + BN/GN
Brown / Green
GY
Grey
BN
Brown
RD
Red
PK
Pink
GN
Green
BK
Black
General Shielding
AVAILABLE INTERPOLATED RESOLUTIONS
Interpolation
Factor
Basic Resolutions
250
256
360
500
1024
2500
3000
3600
4000
4096
5000
X 1
250
256
360
500
1024
2500
3000
3600
4000
4096
5000
X 2
500
512
720 1000 2048
5000
6000
7200
8000
8192
10000
X 3
750
768 1080 1500 3072
7500
9000
10800
12000
12288
15000
X 4
1000 1024 1440 2000 4096 10000 12000 14400
16000
16384
20000
X 5
1250 1280 1800 2500 5120 12500 15000 18000
20000
20480
25000
X 8
2000 2048 2880 4000 8192 20000 24000 28800
32000
32768
40000
X 10
2500 2560 3600 5000 10240 25000 30000 36000
40000
40960
50000
X 12
3000 3072 4320 6000 12288 30000 36000 43200
48000
49152
60000
X 16
4000 4096 5760 8000 16384 40000 48000 57600
64000
65536
80000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com