Electronic Components Datasheet Search
  English  ▼

X  

DHM5 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DHM5
Description  58MM SOLID - BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DHM5 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DHM5 Datasheet HTML 1Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 2Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 3Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 4Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 5Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 6Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 7Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 8Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.sensata.com
Page 2
Copyright © 2021 Sensata Technologies Inc.
(1)
See resolutions section for details.
(2)
Surface encoder temperature
(3)
UL Listed: -20°C +80°C. Device must be supplied by a Class 2, LPS or SELV limited energy source 250mA.
Ver.
Output
Signals
Operating
Voltage +V
Supply
Current
(no loads)
Current per
Channel
Pair
Short
Circuit
Proof
Reverse
Polarity
Tolerant
Frequency
Capability
Resolutions
category(1)
Operating
Temperature
Range(2)(3)
RG5
HTL
4,75-30V
<75mA
<40mA
Yes
Yes
Up to 1MHz
Standard
-40°C ... +100°C
Low
High
-40°C … +80°C
RGX
HTL/TTL
selectable
4,75-30V
<75mA
<40mA
HTL: refer RG5
TTL: refer RG2
Yes
Up to 1MHz
Full
Programmable
-40°C ... +100°C
Multiplier
programmable
-40°C … +80°C
5GT
HTL + CTP
11-30V
<75mA
<40mA
Yes
Yes
Up to 300kHz
Standard
-40°C … +80°C
Low
RG2
TTL
4,75-30V
<75mA
<40mA
Yes
(Except to +V)
Yes
Up to 1MHz
Standard
-40°C ... +100°C
Low
High
-40°C … +80°C
2G2
TTL
5V ± 5%
<75mA
<40mA
Yes
Yes
Up to 1MHz
Standard
-40°C ... +100°C
Low
High
-40°C … +80°C
2WT
1Vpp
5V ± 5%
<75mA
<8mA
Yes
Yes
Up to 300kHz
Sine wave
-40°C ... +100°C
RWT
1Vpp
4,75-30V
<75mA
<8mA
Yes
(Except to +V)
Yes
Up to 300kHz
Sine wave
-40°C ... +100°C
Electrical
Environmental
Shocks (EN 60068-2-27)
≤ 500 m.s-2 (during 6 ms)
Vibrations (EN 60068-2-6)
≤ 200 m.s-2 (10…2 000Hz))
EMC
EN 61000-6-2, EN 61000-6-4
Isolation
1 000V eff
Operating Temperature
See Electrical table above
Storage Temperature
-40°C ... +100°C
Protection (EN 60529)
IP 65
Humidity
98% RH non-condensing at 20 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com