Electronic Components Datasheet Search
  English  ▼

X  

RI-01C Datasheet(PDF) 2 Page - Comus International

Part # RI-01C
Description  RI-01C Series Dry Reed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-01C Datasheet(HTML) 2 Page - Comus International

  RI-01C Datasheet HTML 1Page - Comus International RI-01C Datasheet HTML 2Page - Comus International RI-01C Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RI-01C Series Dry Reed Switch
Technical Specifications
Parameters
Test Conditions
Units
RI-01CAA
RI-01CA
Operating Characteristics
Operate Range
AT
7-19
16-25
Release Range
AT
3-16
4-18
Operate Time - including Bounce (typ.)
ms
0.30
0.35
Bounce Time (typ.)
ms
0.10
0.10
Release Time (max)
μs
50
50
Resonant Frequency (typ.)
Hz
6700
6700
Electrical Characteristics
Switched Power (max)
W
10
10
Switched Voltage DC (max)
V
180
200
Switched Voltage AC, RMS value (max)
V
130
140
Switched Current DC (max)
mA
250
500
Switched Current AC, RMS value (max)
mA
250
500
Carry Current DC (max)
A
1.5
1.75
Breakdown Voltage (min)
V
180
230
*Contact Resistance (initial max.)
mΩ
100
100
*Contact Resistance (initial typ.)
mΩ
80
90
Contact Capacitance (max)
without test coil
pF
0.3
0.25
Insulation Resistance (min)
RH ≤ 45%
MΩ
106
106
Vibration
The switches are tested in accordance with “IEC 68-2-6”,
test Fc (acceleration 10G; below cross-over-frequency 57
to 62 Hz; amplitude 0.75 mm; frequency range 10 to
2000 Hz; duration 90 minutes.) Such a vibration will not
cause an open switch ( no magnetic field present) to close,
nor a switch kept closed by an 80 AT coil to open.
Mechanical Strength
The robustness of the terminations is tested in accordance
with “IEC 68-2-21”, test Ua1 (load 10 N).
Operating and Storage Temperature
Operating ambient temperature; min: -55°C; max:
+125°C. Storage temperature; min: -55°; max: +125°C.
Note: Temperature excursions up to 150°C may be
permissible. For more information contact your nearest
Comus Group sales office.
Soldering
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ± 10°C for 3.5 ± 0.5 s. Solderability is tested in acc
ordance with “IEC 68-2-20” test Ta, method 3: solder
globule temperature 235°C; ageing 1b: 4 hours steam.
Welding
The leads can be welded.
Mounting
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be avoided
Care must be taken to prevent stray magnetic fields from
influencing the operating and measuring conditions.
• As part of the company policy of continued product improvement, specifications
may change without notice.Our sales office will be pleased to help you with the
latest information on this product range and the details of our full design and
manufacturing service. All products are supplied to our standard conditions of
sale unless otherwise agreed in writing.
* The Contact Resistance is measured using the Kelvin Method next to the glass body.
USA Tel: +(1)973 777 6900 ▪ BE Tel: + 32 (0)12 390400 ▪ UK Tel: +44 (0)1255 862236 ▪ USA Tel: +(1)401 830 2100 ▪ NL Tel: +31(0)45 5439345
USA Tel: +(1)800 864 2815 ▪ IN Tel: +(91)(44)42023510
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com