Electronic Components Datasheet Search
  English  ▼

X  

RI-29SMD Datasheet(PDF) 1 Page - Comus International

Part # RI-29SMD
Description  RI-29 SMD Series Dry Reed Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-29SMD Datasheet(HTML) 1 Page - Comus International

  RI-29SMD Datasheet HTML 1Page - Comus International RI-29SMD Datasheet HTML 2Page - Comus International RI-29SMD Datasheet HTML 3Page - Comus International RI-29SMD Datasheet HTML 4Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RI-29 SMD Series Dry Reed Switch
RI-29 SMD Series
Pico dry-reed switch hermetically sealed in a gas-filled glass envelope. Single-
pole, single-throw (SPST) type, having normally open contacts, and contain-
ing two magnetically actuated reeds.
The switch is of the double-ended type and may be actuated by an elec-
tromagnet, a permanent magnet or a combination of both. The device is
intended for use in relays or similar devices.
RI-29 SMD Series Features
▪ Can handle up to 20 W load
▪ Contact layers: gold, copper, sputtered ruthenium
▪ Superior glass-to-metal seal and blade alignment
▪ Excellent life expectancy and reliability
▪ RoHS Compliant
Dimensions for RI-29 SMD Series
formerly
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 ▪ Belgium Tel: + 32 (0)12 390400
Page 1 of 4
All Dimension in inches (mm) nominal
Ø 0.071 (1.8) max
Ø 0.018 (0.5) max 2x
0.087 (2.2) max 2x
0.008 (0.2) max 2x
0.520 (13.2) max
0.630 ± 0.012 (16 ± 0.3)
0.737 ± 0.012 (18.7 ± 0.3)
0.768 (19.5)
0.610 (15.5)
0.079 (2) 2x
0.047 (1.2) max 2x
0.059 (1.5) 2x
* SUGGESTED PAD LAYOUT
* For other pad layouts please contact us.
Technical Specifications
Parameters
Test Conditions
Units
RI-29
Operating Characteristics
Operate Range
AT
16-34
Release Range
AT
5 (min)
Operate Time - including Bounce (typ.)
ms
0.25
Bounce Time (typ.)
ms
0.05
Release Time (max)
μs
30
Resonant Frequency (typ.)
Hz
6500
Electrical Characteristics
Switched Power (max)
W
15
Switched Voltage DC (max)
V
200
Switched Voltage AC, RMS value (max)
V
140
Switched Current DC (max)
mA
1000
Switched Current AC, RMS value (max)
mA
1000
Carry Current DC (max)
A
1.25
Breakdown Voltage (min)
V
250
Contact Resistance (initial max.)
mΩ
115
Contact Resistance (initial typ.)
mΩ
90
Contact Capacitance (max)
without test coil
pF
0.3
Insulation Resistance (min)
RH ≤ 45%
MΩ
106


Similar Part No. - RI-29SMD

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
Dry Reed Switch
RI-29A COTO-RI-29A Datasheet
212Kb / 2P
Dry Reed Switch
RI-29AA COTO-RI-29AA Datasheet
212Kb / 2P
Dry Reed Switch
More results

Similar Description - RI-29SMD

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
Dry Reed Switch
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
Dry Reed Switch
RI-25 COTO-RI-25 Datasheet
242Kb / 2P
Dry Reed Switch
RI-26 COTO-RI-26 Datasheet
226Kb / 2P
Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
Dry Reed Switch
logo
List of Unclassifed Man...
RI-80SMD0515 ETC2-RI-80SMD0515 Datasheet
99Kb / 2P
RI-80 SMD Series Dry Reed Switch
RI-08A ETC2-RI-08A Datasheet
97Kb / 2P
RI-08 Series Dry Reed Switch
logo
Coto Technology
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
Dry Reed Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com