Electronic Components Datasheet Search
  English  ▼

X  

RI-46 Datasheet(PDF) 2 Page - Comus International

Part # RI-46
Description  RI-46 Series Dry Reed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-46 Datasheet(HTML) 2 Page - Comus International

  RI-46 Datasheet HTML 1Page - Comus International RI-46 Datasheet HTML 2Page - Comus International RI-46 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RI-46 Series Dry Reed Switch
Technical Specifications
Parameters
Test Conditions
Units
RI-46AA
RI-46A
RI-46B
RI-46C
Operating Characteristics
Operate Range
AT
10.5-19
15-28
24-51
46-70
Release Range
AT
4-12
5-16
8-20.5
12-22.5
Operate Time - including Bounce (typ.)
ms
0.35
0.35
0.35
0.35
Bounce Time (typ.)
ms
0.15
0.15
0.15
0.15
Release Time (max)
μs
30
30
30
30
Resonant Frequency (typ.)
Hz
3200
3200
3200
3200
Electrical Characteristics
Switched Power (max)
W
30
30
40
40
Switched Voltage DC (max)
V
200
200
200
200
Switched Voltage AC, RMS value (max)
V
200
200
250
250
Switched Current DC (max)
note 1
mA
750
1000
1000
1000
Switched Current AC, RMS value (max)
note 1
mA
750
1000
1000
1000
Carry Current DC (max)
A
2
2.5
3
3
Breakdown Voltage (min)
V
300
400
580
780
Contact Resistance (initial max.)
mΩ
90
90
90
90
Contact Resistance (initial typ.)
mΩ
60
60
60
60
Contact Capacitance (max)
without test coil
pF
0.2
0.2
0.2
0.2
Insulation Resistance (min)
RH ≤ 45%
MΩ
106
106
106
106
tinned; net mass is approximately 280mg; and can be
mounted in any position.
Shock
The switches are tested in accordance with “IEC 68-2-27”,
test Ea (peak acceleration 500 G, half sinewave; duration
11 ms). Such a shock will not cause an open switch (no
magnetic field present) to close, nor a switch kept closed
by an 80 AT coil to open.
Vibration
The switches are tested in accordance with “IEC 68-2-6”,
test Fc (acceleration 10G; below cross-over-frequency 57
to 62 Hz; amplitude 0.75 mm; frequency range 10 to
2000 Hz; duration 90 minutes.) Such a vibration will not
cause an open switch ( no magnetic field present) to close,
nor a switch kept closed by an 80 AT coil to open.
Mechanical Strength
The robustness of the terminations is tested in accordance
with “IEC 68-2-21”, test Ua1 (load 40 N).
Operating and Storage Temperature
Operating ambient temperature; min: -55°C; max:
+125°C. Storage temperature; min: -55°; max: +125°C.
Note: Temperature excursions up to 150°C may be
permissible. For more information contact your nearest
Comus Group sales office.
Soldering
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ± 10°C for 3.5 ± 0.5 s. Solderability is tested in accor-
dance with “IEC 68-2-20” test Ta, method 3: solder
globule temperature 235°C; ageing 1b: 4 hours steam.
Welding
The leads can be welded.
Mounting
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be avoided
Care must be taken to prevent stray magnetic fields from
influencing the operating and measuring conditions.
• As part of the company policy of continued product improvement, specifications
may change without notice. Our sales office will be pleased to help you with the
latest information on this product range and the details of our full design and
manufacturing service. All products are supplied to our standard conditions of
sale unless otherwise agreed in writing.
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 ▪ Belgium Tel: + 32 (0)12 390400
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com