Electronic Components Datasheet Search
  English  ▼

X  

RI-69 Datasheet(PDF) 1 Page - Comus International

Part # RI-69
Description  RI-69 Series Dry Reed Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-69 Datasheet(HTML) 1 Page - Comus International

  RI-69 Datasheet HTML 1Page - Comus International RI-69 Datasheet HTML 2Page - Comus International RI-69 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RI-69 Series Dry Reed Switch
RI-69 Series
Ultra-miniature dry-reed switch hermetically sealed in a gas-filled glass enve-
lope. Single-pole, single-throw (SPST) type, having normally open contacts,
and containing two magnetically actuated reeds.
The switch is of the double-ended type and may be actuated by an elec-
tromagnet, a permanent magnet or a combination of both. The device is
intended for use in relays, sensors, pulse counters or similar devices.
RI-69 Series Features
▪ High power switching 10 mm reed switch
▪ Can handle up to 20W load
▪ Contact layers: gold, sputtered ruthenium
▪ Superior glass-to-metal seal and blade alignment
▪ Excellent life expectancy and reliability
Dimensions for RI-69 Series
All Dimension in inches (mm) nominal
General data for all models RI-69
AT-Customization / Performed Leads
Besides the standard models, customized products can also
be supplied offering the following options:
• Operate and release ranges to customer specification
• Cropped and/or performed leads
Coils
All characteristics are measured using the Philips Standard
Coil. For definitions of the Philips Standard Coil, refer to
“Application Notes” in the Reed Switch Technical & Applica-
tion Information Section of this catalog.
Life expectancy and reliability
The life expectancy data given below are valid for a coil
energized at 1.25 times the published maximum operate
value for each type in the RI-69 series.
No load conditions (operating frequency:
100Hz)
Life expectancy: min. 109 operations with a failure rate of
less than 2 x 10-10 with a confidence level of 90%.
End of life criteria:
Contact resistance > 1Ω after 2 ms
Release time > 2 ms (latching or contact sticking).
Loaded conditions (resistive load: 5 V; 100 mA;
operating frequency: 125 Hz)
Life expectancy: min. 2 x 107 operations with a failure rate
of less than 10-8 with a confidence level of 90%.
End of life criteria:
Contact resistance > 2Ω after 2.5 ms
Release time > 2.5 ms (latching or contact sticking).
Loaded conditions (resistive load: 20 V; 500
mA; operating frequency: 125 Hz)
Life expectancy: min. 2 x 107 operations with a failure rate
of less than10-8 with a confidence level of 90%.
End of life criteria:
Contact resistance > 2Ω after 2.5 ms
Release time > 2.5 ms (latching or contact sticking).
Switching different loads involves different life expectancy
and reliability data. Further information is available on
request.
Mechanical Data
Contact arrangement is normally open; lead finish is
0.020 max
(Ø0.50)
0.906 ± 0.020
(23.0 ± 0.5)
1.81 ± 0.020
(46.0 ± 0.5)
0.39 max
(10)
0.071 max
(Ø1.8)
formerly
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 ▪ Belgium Tel: + 32 (0)12 390400
Page 1 of 3
5 / 2015
tinned


Similar Part No. - RI-69

ManufacturerPart #DatasheetDescription
logo
Comus International
RI-69SMDM COMUS-RI-69SMDM Datasheet
796Kb / 2P
RI-69SMDM Series Molded Dry Reed Switch
More results

Similar Description - RI-69

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
Dry Reed Switch
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
Dry Reed Switch
RI-25 COTO-RI-25 Datasheet
242Kb / 2P
Dry Reed Switch
RI-26 COTO-RI-26 Datasheet
226Kb / 2P
Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
Dry Reed Switch
logo
List of Unclassifed Man...
RI-80SMD0515 ETC2-RI-80SMD0515 Datasheet
99Kb / 2P
RI-80 SMD Series Dry Reed Switch
RI-08A ETC2-RI-08A Datasheet
97Kb / 2P
RI-08 Series Dry Reed Switch
logo
Coto Technology
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
Dry Reed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com