Electronic Components Datasheet Search
  English  ▼

X  

S1017 Datasheet(PDF) 1 Page - Comus International

Part # S1017
Description  TILT SWITCH MODULE - Mercury Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

S1017 Datasheet(HTML) 1 Page - Comus International

  S1017 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. No.
E
Revision Note
Web Site 2001
Date
1-2-01
Signature
RG
PART NUMBER
SPECIFICATION
Comus Group of Companies
PRODUCT DATA SHEET
CONTACT FORM/STYLE
SWITCHING VOLTAGE
SWITCHING CURRENT
SWITCHING CAPACITY
DIFFERENTIAL ANGLE
CONTACT RESISTANCE
OPERATING TEMPERATURE
STORAGE TEMPERATURE
CASE MATERIAL
CABLE/TERMINATION
FEATURES
Max. Vac RMS
Max. A
Max. VA
Max. Deg.˚
Max.
Ω
Deg. ˚C
Deg. ˚C
See above
240
15 at 240 Vac / 19 at 120 Vac
3600
15
°
0.3
-20˚ +70˚
-25˚ +70˚
ABS
2 x 172 AWG round silicone rubber
insulated. Tag hole 5.1ø (.20)
Rugged Construction
TILT SWITCH MODULE - Mercury Contacts
S1017
Drawings not to scale
All dimensions in mm (inches) nominal
FORM AE043 ISS1
As part of the company policy of continued product improvement, specifications may change without notice. Our sales
office will be pleased to help you with the latest information on this product range and details of our full design and
manufacturing service. All products are supplied to our standard conditions of sale otherwise agreed in writing.
©2001 Copyright Comus Group of Companies
60.5
(2.381)
ø21.5
(.846)
150.0
(5.905)
2 x 172 AWG round silicone rubber insulated
Tag hole 5.1ø (.201)
Supplied with mounting clip
ø15 (.591)
Max.
The Comus Group of Companies
consist of:
Assemtech Europe Limited
E. Bachem GmbH
Comus International
W. Gunther GmbH
Gunther Belgium
Gunther France
S.T.G.
Manufactured in UK
This product is fully sealed to give maximum mechanical protection and minimise the ingress of
dust and moisture. As a guide, the product is expected to meet the requirements of IP65.
These switches operate when tilted from the horizontal position.
The switch movement required to cause contact change (exam-
ple off to on) is called the differential angle.
It is very important when designing a tilt switch to allow for the
differential angle and understand that when in the horizontal
position the switch contact may be open or closed.
SWITCHING VOLTAGE
Unless specified switches can be used on AC and DC loads. For
DC voltages reduce AC rating to 70%.
Horizontal
Contact
open
Contact
closed
Differential
angle


Similar Part No. - S1017

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
S1017 TEC-S1017 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
logo
Hamamatsu Corporation
S10170 HAMAMATSU-S10170 Datasheet
66Kb / 2P
RGB color sensor integrated in small and thin package
More results

Similar Description - S1017

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4859 AEC-4859 Datasheet
186Kb / 1P
Tilt Switch - Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A-001 AEC-A-001 Datasheet
174Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1-009 AEC-A1-009 Datasheet
233Kb / 1P
Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
A-003 AEC-A-003 Datasheet
181Kb / 1P
Tilt Switch - Mercury
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com