Electronic Components Datasheet Search
  English  ▼

X  

TLN201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLN201
Description  Infrared LED GaA?밃s Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLN201 Datasheet HTML 1Page - Toshiba Semiconductor TLN201 Datasheet HTML 2Page - Toshiba Semiconductor TLN201 Datasheet HTML 3Page - Toshiba Semiconductor TLN201 Datasheet HTML 4Page - Toshiba Semiconductor TLN201 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLN201(F)
2007-10-01
1
TOSHIBA Infrared LED GaAℓAs Infrared Emitter
TLN201(F)
Lead(Pb)-Free
Opto−Electronic Switches
Tape And Card Readers
Equipment Using Infrared Transmission
• To−18 metal package.
• High radiant power: Po = 5mW(typ.)
• High radiant intensity: IE = 35mW / sr(typ.)
• Excellent radiant−intensity linearity. Modulation by pulse operation
and high frequency is possible.
• Highly reliable due to hermetic seal
• Same external shape as TPS708(F) photodiode
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
100
mA
Forward current derating
(Ta > 25°C)
ΔIF / °C
−1
mA / °C
Pulse forward current
(Note 1)
IFP
1
A
Reverse voltage
VR
5
V
Operating temperature range
Topr
−40~125
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Note 1: Pulse width ≦ 100μs,repetitive frequency = 100Hz
Markings
Unit: mm
TOSHIBA
4−5Q2
Weight: 0.33 g (typ.)
Pin Connection
1. Cathode
2. Anode (case)
1
2
Letter color:red
Product No.(TL omitted)
Monthly lot number
Month of manufacture
(January to December denoted by letters A to L respectively)
Year of manufacture
(last digit of year of manufacture)
N201


Similar Part No. - TLN201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN201 TOSHIBA-TLN201 Datasheet
259Kb / 5P
INFRARED LED GAA AS INFRARED ENITTER
More results

Similar Description - TLN201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRA270 TOSHIBA-TLRA270 Datasheet
204Kb / 4P
TOSHIBA LED Lamp GaA?밃s Red-light Emitter
TLN201 TOSHIBA-TLN201 Datasheet
259Kb / 5P
INFRARED LED GAA AS INFRARED ENITTER
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
INFRARED LED GaAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2748 TOSHIBA-TLP2748 Datasheet
559Kb / 17P
Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2310 TOSHIBA-TLP2310 Datasheet
744Kb / 21P
GaA?밃s Infrared LED & Photo IC
TLP2745 TOSHIBA-TLP2745 Datasheet
1Mb / 20P
GaA?밃s Infrared LED & Photo IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com