Electronic Components Datasheet Search
  English  ▼

X  

TLN227 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLN227
Description  LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN227 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLN227 Datasheet HTML 1Page - Toshiba Semiconductor TLN227 Datasheet HTML 2Page - Toshiba Semiconductor TLN227 Datasheet HTML 3Page - Toshiba Semiconductor TLN227 Datasheet HTML 4Page - Toshiba Semiconductor TLN227 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLN227(F)
2007-10-01
4
Frequency f (MHz)
Frequency Characteristic
(typ.)
0.3
1
3
10
100
0.1
30
4
−8
−10
2
0
−2
−4
−6
0.5
5
50
Distance d (m)
Distance Characteristics
0.1
1
10
0.1
0.01
1000
100
10
1
Pop = 23mW at IFP = 180mA,
f = 100kHz, duty = 50%
Po = 14mW at IF = 50mA
Wavelength Characteristic
(typ.)
Wavelength λ (nm)
1.0
0
800
0.8
0.6
0.4
0.2
840
880
920
960
1000
IF = 50mA
Radiation Pattern
(typ.)
Ta = 25°C
Relative radiant power
0
0.2
0.4
0.6
0.8
1.0
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
Relative PO – Ta
(typ.)
Ambient temperature Ta (°C)
10
0.1
−50
1
−25
0
25
75
50
IF = 50mA
100
125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com