Electronic Components Datasheet Search
  English  ▼

X  

TLN227F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLN227F
Description  LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN227F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLN227F Datasheet HTML 1Page - Toshiba Semiconductor TLN227F Datasheet HTML 2Page - Toshiba Semiconductor TLN227F Datasheet HTML 3Page - Toshiba Semiconductor TLN227F Datasheet HTML 4Page - Toshiba Semiconductor TLN227F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLN227(F)
2007-10-01
3
IF – Ta
Ambient temperature Ta (°C)
20
40
60
80
140
60
40
20
120
0
0
100
80
100
120
VF – Ta
(typ.)
Ambient temperature Ta (°C)
25
0
25
50
125
1.4
1.3
1.2
1.9
1.1
−50
1.5
75
100
1.7
1.6
1.8
IF = 80mA
IF = 50mA
IF = 20mA
IF = 5mA
IFP – VFP
(typ.)
Pulse forward voltage VFP (V)
1000
1
0
100
10
3
2
3
4
5
6
500
300
30
50
5
1
Pulse width ≦ 100μs
Repetitive
frequency = 100Hz
Ta = 25°C
Relative PO – IFP
(typ.)
Pulse forward current IFP (mA)
1.2
0
0
0.8
0.6
0.4
0.2
200
4000
600
1000
800
1.0
Pulse
width = 1ms
Duty = 10%
Pulse width PW (s)
IFP – PW
10μ
30μ
10m
300
100
50
30
3μ
500
1000
100μ
300μ
1m
3m
20000
3000
5000
10000
Ta = 25°C
f = 100Hz
500
200
10k
5k
2k
1k
IF – VF
(typ.)
Forward voltage VF (V)
1.2
1.4
1.6
2
1
0.01
1
100
1.8
0.1
10
75°C
50°C
-25°C
0°C
25°C
85°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com