Electronic Components Datasheet Search
  English  ▼

X  

TLN233 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLN233
Description  Infrared LED for Space-Optical-Transmission
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN233 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLN233 Datasheet HTML 1Page - Toshiba Semiconductor TLN233 Datasheet HTML 2Page - Toshiba Semiconductor TLN233 Datasheet HTML 3Page - Toshiba Semiconductor TLN233 Datasheet HTML 4Page - Toshiba Semiconductor TLN233 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLN233(F)
2007-10-01
1
TOSHIBA Infrared LED GaAℓAs Infrared Emitter
TLN233(F)
Lead(Pb)-Free
Infrared LED for Space-Optical-Transmission
• High radiant intensity: 80 mW/sr (typ.) at IF = 50 mA
• Half-angle value: θ1/2 = ±13° (typ.)
• A light source for remote control
• Wireless AV-signal transmission purposes
• High-speed data transmission purposes
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
100
mA
Pulse forward current
IFP
1000
(Note 1)
mA
Power dissipation
PD
200
mW
Reverse voltage
VR
4
V
Operating temperature range
Topr
−25~85
°C
Storage temperature range
Tstg
−30~100
°C
Soldering temperature (5 s), (Note 2)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: f
= 100 kHz, duty = 1%
Note 2: Soldering must be performed under the stopper.
Unit: mm
TOSHIBA
4-5V3
Weight: 0.3 g (typ.)
Pin Connection
12
1. Anode
2. Cathode


Similar Part No. - TLN233

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
TLN233 TOREX-TLN233 Datasheet
140Kb / 5P
TOSHIBA Infrared LED GaALAs Infrared Emitter
More results

Similar Description - TLN233

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD414PI SHARP-PD414PI Datasheet
36Kb / 2P
High Speed PIN Photodiode for Optical Space Transmission
logo
Toshiba Semiconductor
TLN225 TOSHIBA-TLN225 Datasheet
251Kb / 4P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN231 TOSHIBA-TLN231 Datasheet
132Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN227 TOSHIBA-TLN227 Datasheet
175Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
TLN226 TOSHIBA-TLN226 Datasheet
259Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN225 TOSHIBA-TLN225_07 Datasheet
204Kb / 5P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN226 TOSHIBA-TLN226_07 Datasheet
208Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN227 TOSHIBA-TLN227_07 Datasheet
203Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
TLN231 TOSHIBA-TLN231_07 Datasheet
162Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN238 TOSHIBA-TLN238 Datasheet
181Kb / 5P
Infrared LED for Space-Optical-Transmission
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com