Electronic Components Datasheet Search
  English  ▼

X  

74ACT11244 Datasheet(PDF) 8 Page - Texas Instruments

Part # 74ACT11244
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11244 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74ACT11244 Datasheet HTML 4Page - Texas Instruments 74ACT11244 Datasheet HTML 5Page - Texas Instruments 74ACT11244 Datasheet HTML 6Page - Texas Instruments 74ACT11244 Datasheet HTML 7Page - Texas Instruments 74ACT11244 Datasheet HTML 8Page - Texas Instruments 74ACT11244 Datasheet HTML 9Page - Texas Instruments 74ACT11244 Datasheet HTML 10Page - Texas Instruments 74ACT11244 Datasheet HTML 11Page - Texas Instruments 74ACT11244 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
13-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
74ACT11244DBR
SSOP
DB
24
2000
356.0
356.0
35.0
74ACT11244DWR
SOIC
DW
24
2000
350.0
350.0
43.0
74ACT11244PWR
TSSOP
PW
24
2000
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com