Electronic Components Datasheet Search
  English  ▼

X  

ERJS0601002V Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ERJS0601002V
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS0601002V Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ERJS0601002V Datasheet HTML 1Page - Panasonic Semiconductor ERJS0601002V Datasheet HTML 2Page - Panasonic Semiconductor ERJS0601002V Datasheet HTML 3Page - Panasonic Semiconductor ERJS0601002V Datasheet HTML 4Page - Panasonic Semiconductor ERJS0601002V Datasheet HTML 5Page - Panasonic Semiconductor ERJS0601002V Datasheet HTML 6Page - Panasonic Semiconductor ERJS0601002V Datasheet HTML 7Page - Panasonic Semiconductor ERJS0601002V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Matters to Be Observed When Using This Product / Reference Information
■ Soldering the resistor with too much solder or too little solder results in the poor reliability of the solder connection of the
resistor. Use the proper volume of solder in the soldering process. Sufficiently check for the volume of solder used.
■ Soldering with high bond strength or special property solder may affect the quality of the resistor. Do not use such solder.
■ Use rosin-based solder flux. When using highly active solder flux made mainly of halogen (chlorine, bromine, etc.), flux
residues may affect the performance and reliability of the resistor. Check the effects of flux residues before using the solder
flux. Do not use highly acidic flux, water-soluble flux, or flux containing fluoride ions. When solder flux sticks to the resistor
after the soldering process, the activation energy of the flux may corrode the resistor and cause it to fail. Prevent solder flux
from sticking to the resistor.
Keeping the product in the following environments or conditions may lead to degradation of its performance, solderability, etc.
Do not keep the product in the following environments.
(1) Stored in a place where the product is heavily exposed to sea breeze or a corrosive gas, such as Cl2, H2S, NH3, SO2,
or NOX.
(2) Stored in a place where the product is exposed to direct sunlight.
(3) Stored in a place where a temperature condition of 5 ℃ to 35 ℃ and a relative humidity condition of 45% to 85% cannot
be maintained.
(4) Kept in storage for more than one year from the delivery date (when the product is kept in conditions excluding any of
the environments (1) to (3)).
Before using the resistor, refer to the technical report issued by JEITA, EIAJ RCR-2121B "Safety Application Guide for
Fixed Resistor for Use in Electronic Equipment" revised in February 2015.
30-Jun-23
 Storage conditions
Reference information
 Guidelines



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com