Electronic Components Datasheet Search
  English  ▼

X  

ERJS0801002V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJS0801002V
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS0801002V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJS0801002V Datasheet HTML 1Page - Panasonic Semiconductor ERJS0801002V Datasheet HTML 2Page - Panasonic Semiconductor ERJS0801002V Datasheet HTML 3Page - Panasonic Semiconductor ERJS0801002V Datasheet HTML 4Page - Panasonic Semiconductor ERJS0801002V Datasheet HTML 5Page - Panasonic Semiconductor ERJS0801002V Datasheet HTML 6Page - Panasonic Semiconductor ERJS0801002V Datasheet HTML 7Page - Panasonic Semiconductor ERJS0801002V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Anti-Sulfurated Thick Film Chip Resistors
*1: Use it on the condition that the case temperature is below the upper category temperature.
*2: Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=
√Power Rating × Resistance Value,
or Limiting Element Voltage listed above, whichever less.
*3: Overload Test Voltage (OTV) shall be determined from OTV=Specified Magnification (refer to performance) × RCWV
or Maximum Overload Voltage listed above, whichever less.
【Low resistance type】
*1: Use it on the condition that the case temperature is below the upper category temperature.
・ Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating × Resistance Value.
・ Overload Test Voltage (OTV) shall be determined from OTV=Specified Magnification (refer to performance) × RCW.
【For jumper]
Power derating curve
For resistors operated in ambient temperatures
above 70
℃, power rating shall be derated in
accordance with the figure below.
*1: Overload test current
±1
±5
ERJU0X
(01005)
Ratings
Resistance
range
(Ω)
(E24)
(E24)
(E24)
ERJU01
(0201)
0.05
25
50
±1
0.031
15
30
Part No.
(inch size)
Power
rating*1
(70
℃)(W)
Limiting
element
voltage*2
(V)
Maximum
overload
voltage*3
(V)
Resistance
tolerance
(%)
ERJS03
ERJU03
(0603)
0.1
±0.5, ±1
Part No.
(inch size)
1 to 10 M
75
150
±0.5, ±1
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1-Sep-20
100 mΩ or less
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
±0.5, ±1
±5
1.0
200
Resistance
range
(Ω)
0.22 to 1
Maximum overload
current*1
(E24)
Grade 0
AEC-Q200
Grade
(E24)
ERJS1T
ERJU1T
(2512)
±5
200
0.75
200
1 to 10 M
500
±0.5, ±1
500
ERJS1D
ERJU1D
(2010)
Power rating*1
(70
℃)(W)
T.C.R.
(×10-6/K)
0 to +150
Category temperature
range
(
℃)
(E24)
1 to 10 M
0.25
±1, ±2, ±5
ERJS02: 1 to 3.3 M
(E24)
ERJU02: 1 to 10 M
0.5 A
1 A
1 A
2 A
2 A
4 A
Rated current
Resistance
ERJU6S (0805)
Part No.
ERJU6Q (0805)
ERJS1T,ERJU1T
ERJU0X
ERJU01
ERJS02,ERJU02
ERJS03,ERJU03
ERJS06,ERJU06
ERJS08,ERJU08
ERJS14,ERJU14
ERJS12,ERJU12
ERJS1D,ERJU1D
±5
–55 to +155
(E24)
±5
1 to 10 M
1 to 10 M
±0.5, ±1
(E24)
(E24, E96)
1 to 1 M
0.1 to 0.2
Resistance
tolerance
(%)
500
1 to 1 M
(E24)
(E24, E96)
(E24, E96)
±5
0.25
ERJS14
ERJU14
(1210)
ERJS12
ERJU12
(1812)
1 to 1 M
ERJS02
ERJU02
(0402)
±5
0.1
50
100
ERJS06
ERJU06
(0805)
ERJS08
ERJU08
(1206)
400
±0.5, ±1
±5
±0.5, ±1
±5
0.125
150
200
200
0.5
200
400
±0.5, ±1
±5
0.75
10 to 1 M
(E24, E96)
1 to 10 M
1 to 10 M
1 to 1 M
1 to 1 M
1 to 1 M
1 to 1 M
10 to 1 M
(E24)
(E24, E96)
(E24)
(E24, E96)
(E24, E96)
(E24, E96)
(E24, E96)
(E24, E96)
1 to 1 M
1 to 1 M
1 to 1 M
Category
temperature
range (
℃)
Grade 0
-
AEC-
Q200
Grade
: –100 to +600
: ±200 (± 5 %)
: ±100
(±0.5 %, ±1 %)
: –400 to +150
: –100 to +600
: ±200
: –400 to +150
: ±200
: ±300
: –100 to +600
T.C.R.
(×10-6/K)
R<10 Ω
10 Ω
≤R<100 Ω
100 Ω
≤R
R<10 Ω
10 Ω to 1 MΩ
1 MΩ<R
R<10 Ω
10 Ω to 1 MΩ
1 MΩ<R
–55 to +155
–55 to +125
-60
-20
0
20
60
20
40
60
80
100
80 100
140
180
0
-40
40
160
120
-55 ℃
70 ℃
155 ℃
125 ℃
ERJU0X, U01
Ambient temperature (℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com