Electronic Components Datasheet Search
  English  ▼

X  

ADS7841EB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS7841EB.B
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7841EB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7841EB.B Datasheet HTML 4Page - Texas Instruments ADS7841EB.B Datasheet HTML 5Page - Texas Instruments ADS7841EB.B Datasheet HTML 6Page - Texas Instruments ADS7841EB.B Datasheet HTML 7Page - Texas Instruments ADS7841EB.B Datasheet HTML 8Page - Texas Instruments ADS7841EB.B Datasheet HTML 9Page - Texas Instruments ADS7841EB.B Datasheet HTML 10Page - Texas Instruments ADS7841EB.B Datasheet HTML 11Page - Texas Instruments ADS7841EB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADS7841
8
SBAS084B
REFERENCE CURRENT vs SAMPLE RATE
75
0
125
25
50
100
Sample Rate (kHz)
14
12
10
8
6
4
2
0
REFERENCE CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (˚C)
18
16
14
12
10
8
6
60
80
SUPPLY CURRENT vs +V
CC
3.5
25
2.5
4
+V
CC (V)
320
300
280
260
240
220
200
180
4.5
3
f
SAMPLE = 12.5kHz
V
REF = +VCC
MAXIMUM SAMPLE RATE vs +V
CC
3.5
25
2.5
4
+V
CC (V)
1M
100k
10k
1k
4.5
3
V
REF = +VCC
TYPICAL CHARACTERISTICS: +2.7V (Cont.)
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com