Electronic Components Datasheet Search
  English  ▼

X  

ADS8515IBDB Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8515IBDB
Description  16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8515IBDB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8515IBDB Datasheet HTML 9Page - Texas Instruments ADS8515IBDB Datasheet HTML 10Page - Texas Instruments ADS8515IBDB Datasheet HTML 11Page - Texas Instruments ADS8515IBDB Datasheet HTML 12Page - Texas Instruments ADS8515IBDB Datasheet HTML 13Page - Texas Instruments ADS8515IBDB Datasheet HTML 14Page - Texas Instruments ADS8515IBDB Datasheet HTML 15Page - Texas Instruments ADS8515IBDB Datasheet HTML 16Page - Texas Instruments ADS8515IBDB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
OPA 627
GND
GND
GND
GND
Pin 1
Pin 7
−
Pin 2
+
Pin3
Pin4
Pin 6
−15 V
+15V
Vin
2.2 mF
100 nF
2 kW
22 pF
2 kW
22 pF
2.2 mF
2.2 mF
100 nF
2.2 mF
VIN
AGND1
REF
CAP
ADS8515
OPA 132
or
AGND2
DGND
GND
GND
ADS8515
www.ti.com
SLAS460D – JUNE 2007 – REVISED SEPTEMBER 2010
ADC RESET
The ADC reset function of the ADS8515 can be used to terminate the current conversion cycle. Bringing R/C low
for at least 40 ns while BUSY is low will initiate the ADC reset. To initiate a new conversion, R/C must return to
the high state and remain high long enough to acquire a new sample (see Table 3, tc) before going low to initiate
the next conversion sequence. In applications that do not monitor the BUSY signal, it is recommended that the
ADC reset function be implemented as part of a system initialization sequence.
INPUT RANGES
The ADS8515 offers a standard ±10-V input range. Figure 24 shows the necessary circuit connections for the
ADS8515 with and without hardware trim. Offset and full-scale error specifications are tested and specified with
the fixed resistors shown in Figure 25(b). Full-scale error includes offset and gain errors measured at both +FS
and –FS. Adjustments for offset and gain are described in the Calibration section of this data sheet.
The offset and gain are adjusted internally to allow external trimming with a single supply. The external resistors
compensate for this adjustment and can be left out if the offset and gain are corrected in software (refer to the
Calibration section).
The nominal input impedance of 6.35 k
Ω results from the combination of the internal resistor network shown on
the front page of the product data sheet. The input resistor divider network provides inherent overvoltage
protection assured to at least ±25 V. The 1% resistors used for the external circuitry do not compromise the
accuracy or drift of the converter. They have little influence relative to the internal resistors, and tighter tolerances
are not required.
The input signal must be referenced to AGND1. This minimizes the ground loop problem typical to analog
designs. The analog signal should be driven by a low impedance source. A typical driving circuit using an
OPA627 or OPA132 is shown in Figure 24.
Figure 24. Typical Driving Circuit (±10 V, No Trim)
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com