Electronic Components Datasheet Search
  English  ▼

X  

TLSE16TP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLSE16TP
Description  Panel Circuit Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSE16TP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLSE16TP Datasheet HTML 1Page - Toshiba Semiconductor TLSE16TP Datasheet HTML 2Page - Toshiba Semiconductor TLSE16TP Datasheet HTML 3Page - Toshiba Semiconductor TLSE16TP Datasheet HTML 4Page - Toshiba Semiconductor TLSE16TP Datasheet HTML 5Page - Toshiba Semiconductor TLSE16TP Datasheet HTML 6Page - Toshiba Semiconductor TLSE16TP Datasheet HTML 7Page - Toshiba Semiconductor TLSE16TP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL(RE,RME,SE,OE,YE)16TP(F)
2007-10-01
1
TOSHIBA LED Lamp
TLRE16TP(F),TLRME16TP(F),TLSE16TP(F),
TLOE16TP(F),TLYE16TP(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 5mm package
• InGaAℓP technology
• All plastic mold type
• Transparent lens
• High intensity light emission
• Excellent low current light output
• Applications:
outdoor message signboards, safety equipment, automotive use, etc
Lineup
Product Name
Color
Material
TLRE16TP(F)
Red
TLRME16TP(F)
Red
TLSE16TP(F)
Red
TLOE16TP(F)
Orange
TLYE16TP(F)
Yellow
P
InGaAl
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE16TP(F)
50
4
120
TLRME16TP(F)
50
4
120
TLSE16TP(F)
50
4
120
TLOE16TP(F)
50
4
120
TLYE16TP(F)
50
4
120
−40~100
−40~120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-5AH2
Weight: 0.31 g(Typ.)


Similar Part No. - TLSE16TP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLSE16TP MARKTECH-TLSE16TP Datasheet
131Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
logo
Toshiba Semiconductor
TLSE16TP TOSHIBA-TLSE16TP Datasheet
401Kb / 8P
TOSHIBA LED Lamp
TLSE16TP TOSHIBA-TLSE16TP Datasheet
249Kb / 9P
Panel Circuit Indicator
TLSE16TPF TOSHIBA-TLSE16TPF Datasheet
249Kb / 9P
Panel Circuit Indicator
More results

Similar Description - TLSE16TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com