Electronic Components Datasheet Search
  English  ▼

X  

AFE5812ZCF Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE5812ZCF
Description  AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75nV/Hz, 14/12-Bit, 65 MSPS, 180mW/CH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5812ZCF Datasheet(HTML) 2 Page - Texas Instruments

  AFE5812ZCF Datasheet HTML 1Page - Texas Instruments AFE5812ZCF Datasheet HTML 2Page - Texas Instruments AFE5812ZCF Datasheet HTML 3Page - Texas Instruments AFE5812ZCF Datasheet HTML 4Page - Texas Instruments AFE5812ZCF Datasheet HTML 5Page - Texas Instruments AFE5812ZCF Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The AFE5812 also includes a digital in-phase and quadrature (I/Q) demodulator and a low-pass decimation
filter. The main purpose of the demodulation block is to reduce the LVDS data rate and improve overall system
power efficiency. The I/Q demodulator can accept ADC output with up to 65 MSPS sampling rate and 14-bit
resolution. For example, after digital demodulation and 4× decimation filtering, the data rate for either in-phase
or quadrature output is reduced to 16.25 MSPS and the data resolution is improved to 16 bits, consequently.
Hence, the overall LVDS trace reduction can be a factor of 2. This demodulator can be bypassed and powered
down completely if it is not needed.
The AFE5812 is available in a 15mm × 9mm, 135-pin BGA package, and it is specified for operation from –40°C
to 85°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AFE5812
ZCF (NFBGA, 135)
9mm × 15mm
(1)
For all available packages, see Section 7.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
SPI
LNA
VCAT
0 to -40 dB
SPI Logic
16X CLKP
IN
PGA
24, 30dB
3
rd LP Filter
10, 15, 20, 30
35, 50 MHz
16 Phases
Generator
CW Mixer
Summing
Amplifier/ Filter
16X CLKN
1X CLK
CW I/Q Vout
AFE5812 with Demodulator : 1 of 8 Channels
14 Bit
ADC
LVDS
OUT
Reference
Reference
Differential
TGC Vcntl
EXT/INT
REFM/P
Digital
Demod &
Dec Filter
LVDS
Serializer
Logic
Control
DeMod
Control
Simplified Diagram
AFE5812
SLOSEC2 – MARCH 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE5812



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com