Electronic Components Datasheet Search
  English  ▼

X  

AFE7700IALK Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE7700IALK
Description  AFE7700 Quad-Channel General Purpose RF Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7700IALK Datasheet(HTML) 2 Page - Texas Instruments

  AFE7700IALK Datasheet HTML 1Page - Texas Instruments AFE7700IALK Datasheet HTML 2Page - Texas Instruments AFE7700IALK Datasheet HTML 3Page - Texas Instruments AFE7700IALK Datasheet HTML 4Page - Texas Instruments AFE7700IALK Datasheet HTML 5Page - Texas Instruments AFE7700IALK Datasheet HTML 6Page - Texas Instruments AFE7700IALK Datasheet HTML 7Page - Texas Instruments AFE7700IALK Datasheet HTML 8Page - Texas Instruments AFE7700IALK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
AFE7700
SLOSE44A – OCTOBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: AFE7700
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
4 Description (continued)
Each receiver chain of the AFE7700 includes a 28-dB range digital step attenuator (DSA), followed by a
wideband passive IQ demodulator, and a baseband amplifier with integrated programmable antialiasing low pass
filters, driving a continuous-time sigma-delta ADC. The RX chain can receive an instantaneous bandwidth (IBW)
up to 200 MHz. Each receiver channel has two analog peak power detectors and various digital power detectors
to assist an external or internal autonomous AGC control for receiver channels, and a RF overload detector for
device reliability protection. The integrated QMC (quadrature mismatch compensation) algorithm is capable to
continuously monitor and correct for the RX chain I and Q imbalance mismatch without the need to inject any
specific signals or perform offline calibration.
Each transmitter chain includes two 14-bit, 3-Gsps IQ DACs, followed by a programmable reconstruction and
DAC image rejection filter, an IQ modulator driving a wideband RF amplifier with 39-dB range gain control. The
TX chain integrated QMC and LO leakage cancellation algorithms, leveraging the FB path can constantly track
and correct for the TX chain IQ mismatch and LO leakage.
Each FB path is based on RF sampling architecture, and includes an input RF DSA driving a 14-bit, 3-Gsps RF
ADC. The direct sampling architecture provides an inherently wideband receiver chain and simplifies the
calibration of the TX chains impairments. The FB path integrates two independent NCO that allows a fast
switching between two observed RF input bands.
The synthesizer section integrates four fractional-N RF PLL that can generate four different RF LO, allowing the
device to support up to two different bands, each one configured as two transmitters, two receivers and one
feedback paths.
spacer
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (October 2019) to Revision A
Page
•
Changed the device status From: Advanced Information To: Production Data .................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com