Electronic Components Datasheet Search
  English  ▼

X  

LCE Datasheet(PDF) 3 Page - YAGEO Corporation

Part # LCE
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

LCE Datasheet(HTML) 3 Page - YAGEO Corporation

  LCE Datasheet HTML 1Page - YAGEO Corporation LCE Datasheet HTML 2Page - YAGEO Corporation LCE Datasheet HTML 3Page - YAGEO Corporation LCE Datasheet HTML 4Page - YAGEO Corporation LCE Datasheet HTML 5Page - YAGEO Corporation LCE Datasheet HTML 6Page - YAGEO Corporation LCE Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
7
Product Specification
LCE
Transient Voltage Suppressors
Circuit Protection
www.ya geo.com
Jun. 30, 2023 V.3
Dimensions (DO-201)
L
L
T
s
DIA.
d
DIA.
Cathode Band
Symbol
Millimeters
Inches
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
7.20
9.50
0.285
0.375
d
4.80
5.30
0.190
0.210
s
0.96
1.07
0.038
0.042
Electrical Characteristics (TA=25℃)
Part
Number
Reverse
Stand-Of
f
Voltage
Breakdown
Voltage
@IT
Test
Curren
t
Maximu
m
Reverse
Leakage
@VRWM
Maximu
m
Clampin
g
Voltage
@IPP
Maximu
m
Peak
Pulse
Current
Maximum
Junction
Capacitanc
e
@0V
Working
Inverse
Blockin
g
Voltage
Inverse
Blockin
g
Leakag
e
Current
Peak
Inverse
Blockin
g
Voltage
VRWM(V)
VBR(V)
IT(mA)
IR
(μA)
VC(V)
IPP(A)
pF
VWIB(V)
IIB(mA)
VPIB(V)
LCE6.5A
A
6.5
7.22~7.98
10
1000
11.2
100
100
75
1.0
100
LCE7.0A
7.0
7.78~8.60
10
500
12.0
100
100
75
1.0
100
LCE7.5A
7.5
8.33~9.21
10
250
12.9
100
100
75
1.0
100
LCE8.0A
8.0
8.89~9.83
1
100
13.6
100
100
75
1.0
100
LCE8.5A
8.5
9.44~10.40
1
50
14.4
100
100
75
1.0
100
LCE9.0A
9.0
10.00~11.1
0
1
10
15.4
97
100
75
1.0
100
LCE10A
10.0
11.10~12.3
0
1
5
17.0
88
100
75
1.0
100
LCE11A
11.0
12.20~13.5
0
1
1
18.2
82
100
75
1.0
100
LCE12A
12.0
13.30~14.7
0
1
1
19.9
75
100
75
1.0
100
LCE13A
13.0
14.40~15.9
0
1
1
21.5
70
100
75
1.0
100
LCE14A
14.0
15.60~17.2
0
1
1
23.2
65
100
75
1.0
100
LCE15A
15.0
16.70~18.5
0
1
1
24.4
61
100
75
1.0
100
LCE16A
16.0
17.80~19.7
0
1
1
26.0
57
100
75
1.0
100
LCE17A
17.0
18.90~20.9
0
1
1
27.6
54
100
75
1.0
100
LCE18A
18.0
20.00~22.1
0
1
1
29.2
51
100
75
1.0
100
LCE20A
20.0
22.20~24.5
0
1
1
32.4
46
100
75
1.0
100
LCE22A
22.0
24.40~26.9
0
1
1
35.5
42
100
75
1.0
100
LCE24A
24.0
26.70~29.5
0
1
1
38.9
39
100
75
1.0
100
LCE26A
26.0
28.90~31.9
0
1
1
42.1
36
100
75
1.0
100
LCE28A
28.0
31.10~34.4
0
1
1
45.5
33
100
75
1.0
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com