Electronic Components Datasheet Search
  English  ▼

X  

KCS200 Datasheet(PDF) 2 Page - VITROHM

Part # KCS200
Description  Power Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

KCS200 Datasheet(HTML) 2 Page - VITROHM

  KCS200 Datasheet HTML 1Page - VITROHM KCS200 Datasheet HTML 2Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KCS Series Datasheet
1
2
Type
KCS100
KCS200
KCS300
Historical Part Number
AXIAL
KC200-0
KC202-0
KC204-0
Derating Linear
[ºC]
70…350 (0W)
Climatic Category
55/200/56
Failure Rate
(Total
, ϑ
0 ,
max, 60[%] cont. lev.)
[10-9 h-1]
appr. 100 depends on value
Endurance
IEC60115-1 clause 4.25
(P70, @ 70[°C], 1000[h])
±[%]
3,0
Damp Heat, Steady State
IEC60115-1 clause 4.24
(40[°C], 93[% r.h.], 56[d])
±[%]
2,0
Climatic Sequence
IEC60115-1 clause 4.23
±[%]
2,0
Resistance to Soldering Heat
IEC60115-1 clause 4.18
(260±5[°C], 10±1[s])
±[%]
0,2
Terminal Strength
±[%]
1,0
Terminal Tensile Strength
[N]
50
Solderability
IEC60068-2-20
(245±5[ºC] 3±0,5[s])
Solder bath method (> 95% coverage)
Marking
IEC60062
Printed in clear
The standard packaging for KCS in axial type is taped, dimensions below.
This type KCS is also available in a different pre-forming, as shown below, other’s upon request.
THOUGH HOLE VERSION
Axial Goal Post (AG-)
Axial Goal Post Kink (AK-)
Radial (RD-)
Radial 2 Kink (RK-)
Type
Historical
P/N:
Pack Code
Pieces
Forming Type
(Inner Taping dim.)
A
C
S
KCS100
KC200 - 0
T = Taped
Ammo pack
1000
73-
73
85
5
KCS200
KC202 - 0
1000
73
85
5
KCS300
KC204 - 0
1000
73
85
5
New P/Nr.
Type
Historical
P/N:
± 10
[%]
± 5
[%]
New P/Nr.
Type
Historical
P/N:
400 ± 50 ppm/K
-20 ± 60 ppm/K
0 ± 10 ppm/K
KCS100
KC200 - 0
0R056
0R1
KCS100
KC200 - 0
≥ 0R056
≤ 0R2
≥ 0R22
≤ 300R
≥ 330R
≤ 9K1
KCS200
KC202 - 0
0R075
0R1
KCS200
KC202 - 0
≥ 0R075
≤ 0R3
≥ 0R33
≤ 470R
≥ 510R
≤ 20K
KCS300
KC204 - 0
0R33
0R33
KCS300
KC204 - 0
≥ 0R33
≤ 0R68
≥ 0R75
≤ 910R
≥ 1K
≤ 30K
TEMPERATURE COEFFICIENT
RESISTANCE RANGE (minimum)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com