Electronic Components Datasheet Search
  English  ▼

X  

SRF1360 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF1360
Description  SRF1360 Series – SMD Line Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1360 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF1360 Datasheet HTML 1Page - Bourns Electronic Solutions SRF1360 Datasheet HTML 2Page - Bourns Electronic Solutions SRF1360 Datasheet HTML 3Page - Bourns Electronic Solutions SRF1360 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRF1360 Series – SMD Line Filter
How to Order
SRF1360 - 350 Y
Model
Value Code (see table)
Tolerance
Y = ±35 %
Soldering Profile
Tp
Tsmax
25
Time 25 °C to Peak
Time
TL
Tc -5 °C
tp
tL
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
PREHEAT AREA
Tsmin
ts
REFLOW TIMES: 3 TIMES MAX.
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
245 °C
Time (tp) at Tc - 5 °C
(Tp should be equal to or less than Tc)
< 30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
Electrical Schematic
4
3
5
6
2
1
7
8
4
1
5
8
STYLE A
STYLE B
N2
N1
N1
N2
N1
Typical Impedance vs. Frequency Curves
Frequency (MHz)
10
5
1
0.5
0.1
0.01
0.1
1
10
100
300
0.05
SRF1360-350Y
SRF1360-600Y
SRF1360-101Y
SRF1360-251Y
SRF1360-501Y
SRF1360-102Y
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications.
The products described herein and this document are
subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/
docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com