Electronic Components Datasheet Search
  English  ▼

X  

AD5422BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5422BCPZ
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5422BCPZ Datasheet HTML 19Page - Analog Devices AD5422BCPZ Datasheet HTML 20Page - Analog Devices AD5422BCPZ Datasheet HTML 21Page - Analog Devices AD5422BCPZ Datasheet HTML 22Page - Analog Devices AD5422BCPZ Datasheet HTML 23Page - Analog Devices AD5422BCPZ Datasheet HTML 24Page - Analog Devices AD5422BCPZ Datasheet HTML 25Page - Analog Devices AD5422BCPZ Datasheet HTML 26Page - Analog Devices AD5422BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Preliminary Technical Data
AD5422
Rev. PrE | Page 23 of 37
Reference TC is a measure of the change in the reference output
voltage with a change in temperature. It is expressed in ppm/°C.
Line Regulation
Line regulation is the change in reference output voltage due to
a specified change in supply voltage. It is expressed in ppm/V.
Load Regulation
Load regulation is the change in reference output voltage due to
a specified change in load current. It is expressed in ppm/mA.
Thermal Hysteresis
Thermal hysteresis is the change of reference output voltage
after the device is cycled through temperatures from +25°C to
−40°C to +85°C and back to +25°C. This is a typical value from
a sample of parts put through such a cycle. See Table TBDfor a
histogram of thermal hysteresis.
TC
O
O
HYS
O
V
V
V
_
_
C)
25
(
−
°
=
6
_
_
10
C)
25
(
C)
25
(
)
(
×
°
−
°
=
O
TC
O
O
HYS
O
V
V
V
ppm
V
where:
VO
(25°C) = VO at 25°C
VO_TC
= VO at 25°C after temperature cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com