Electronic Components Datasheet Search
  English  ▼

X  

PLAD10JH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # PLAD10JH
Description  10A, 600V Low VF Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PLAD10JH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  PLAD10JH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PLAD10JH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PLAD10JH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PLAD10JH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PLAD10JH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLAD10JH
Taiwan Semiconductor
1
Version: A2412
10A, 600V Low VF Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Low power loss, high efficiency
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Switching mode power supply (SMPS)
● General purpose
● On board charger
● Totem-pole PFC
MECHANICAL DATA
● Case: ThinDPAK
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.195g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
10
A
VRRM
600
V
IFSM
260
A
TJ MAX
175
°C
Package
ThinDPAK
Configuration
Single die
ThinDPAK
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
600
V
Reverse voltage, total rms value
VR(RMS)
420
V
Forward current
IF
10
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
260
A
t = 1.0ms
545
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C
1
2
K


Similar Part No. - PLAD10JH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PLAD10J TSC-PLAD10J Datasheet
464Kb / 5P
10A, 600V Low VF Surface Mount Rectifier
Version: A2412
More results

Similar Description - PLAD10JH

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YS1045SL YEASHIN-YS1045SL Datasheet
608Kb / 3P
10A SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBP10L300CT DYELEC-SBP10L300CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBP10L45CT DYELEC-SBP10L45CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBP10L40CT DYELEC-SBP10L40CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBP10V45CT DYELEC-SBP10V45CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBT10L120CT DYELEC-SBT10L120CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBT10V120CT DYELEC-SBT10V120CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBT10120CT DYELEC-SBT10120CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SFS1001GH TSC-SFS1001GH Datasheet
590Kb / 6P
10A, 50V - 600V Super Fast Surface Mount Rectifier
MURF10L60 TSC-MURF10L60 Datasheet
190Kb / 4P
10A, 600V Glass Passivated Low VF High Efficient Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com