Electronic Components Datasheet Search
  English  ▼

X  

L6924D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 4Page - STMicroelectronics L6924D Datasheet HTML 5Page - STMicroelectronics L6924D Datasheet HTML 6Page - STMicroelectronics L6924D Datasheet HTML 7Page - STMicroelectronics L6924D Datasheet HTML 8Page - STMicroelectronics L6924D Datasheet HTML 9Page - STMicroelectronics L6924D Datasheet HTML 10Page - STMicroelectronics L6924D Datasheet HTML 11Page - STMicroelectronics L6924D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Electrical specifications
L6924D
8/38
4
Electrical specifications
4.1
Electrical characteristics
TJ = 25°C, VIN = 5V, unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VIN
(1)
Operating input voltage
2.5
12
V
Start up threshold
4.1
V
IIN
(1)
Supply current
Charging mode (RPRG = 24K)
1.8
2.5
mA
Shutdown mode (RPRG = 24K)
60
80
µA
ISINK
Current flowing from VOUT
Shutdown mode (RPRG = 24K)
500
nA
Stand by mode (RPRG = 24K)
(VIN = 2.5V < VBATTERY)
500
nA
VOUT
(1)
Battery regulated voltage
VOPRG at VIN
4.06
4.1
4.14
V
VOPRG at GND
4.16
4.2
4.24
V
ICHG
Charge current
RPRG = 24K
450
490
525
mA
RPRG = 12K
905
975
1045
mA
IPRECH
Pre-Charge current
[default value = 10% ICHG]
IPRE floating
RPRG = 24K
41
49
56
mA
IPRECH
Pre-Charge current
RPRE = 62K to GND;
RPRG = 24K
57
67
78
mA
IPRECH
Pre-Charge current
RPRE = 39K to VREF;
RPRG = 24K
29.5
35
40.1
mA
VPRETH
Pre-Charge voltage
threshold [default]
VPRE = VPRETHDefault =
Floating
2.7
2.8
2.9
V
VPRETH
Pre-Charge voltage
threshold
RVPRE = 13K; RPRG = 12K
2.87
3.03
3.19
V
VPRETH
Pre-Charge voltage
threshold [default].
Charge termination
disabled
2.7
2.8
2.9
V
IENDTH
Termination current
REND = 3K3
12
16
20
mA
TMAXCH
(2)
Maximum charging time
CTPRG = 10nF
R[IPRG] = 24K
3
hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com