Electronic Components Datasheet Search
  English  ▼

X  

0603C Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0603C
Description  6.3x32mm Fast Blow, Ceramic tube body cartridge fuse designed, approved and complied with UL and CSA standard 248-14.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0603C Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0603C Datasheet HTML 1Page - Bel Fuse Inc. 0603C Datasheet HTML 2Page - Bel Fuse Inc. 0603C Datasheet HTML 3Page - Bel Fuse Inc. 0603C Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0603C
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
0603 Sep2024_1.2R
Environmental Specifications
Shock Resistance
MIL-STD-202G, Method 213B, Test Condition 1
(100 G's peak for 6 milliseconds; Sawtooth waveform)
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total excursion).
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test Condition B (48 hrs).
Insulation Resistance
MIL-STD-202G, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum.
Solderability
MIL-STD-202G, Method 208H
Resistance to solder Heat
MIL-STD-202G, Method 210F, Test Condition B (260+/-5
℃,10+/-1 sec)
Thermal Shock
MIL-STD-202G, Method 107G, Test Condition B (-65
℃ to +125℃).
Operating Temperature
-55
℃ to +125℃
Terminal Strength
IEC-68-2-21
Electrical Specifications
Consult manufacturer for other ratings
Part Number
Ampere
Rating
Typical Cold
Resistance
(ohms)
Volt-drop
@100%In
(Volt) max.
Voltage and
Interrupting
Ratings
I²T
(A²Sec)
Maximum
Power
Dissipation
(W)
Agency
Approvals
0603C1000-XX
1A
0.406
0.650
See Table of
Safety
Approvals on
Page 1 for
Voltage and
associated
Interrupting
Ratings
0.456
0.65
Y
0603C1250-XX
1.25A
0.312
0.650
0.960
0.83
Y
0603C1600-XX
1.6A
0.241
0.550
1.59
0.88
Y
0603C2000-XX
2A
0.155
0.450
3.75
0.90
Y
0603C2500-XX
2.5A
0.090
0.400
3.30
1.00
Y
0603C3000-XX
3A
0.075
0.400
5.50
1.20
Y
0603C3500-XX
3.5A
0.062
0.400
8.02
1.40
Y
0603C4000-XX
4A
0.056
0.400
9.54
1.60
Y
0603C5000-XX
5A
0.040
0.400
19.87
2.00
Y
0603C6000-XX
6A
0.035
0.400
25.50
2.40
Y
0603C7000-XX
7A
0.025
0.350
53.90
2.45
Y
0603C8000-XX
8A
0.022
0.350
73.60
2.80
Y
0603C9100-XX
10A
0.015
0.350
133.92
3.50
Y
0603C9120-XX
12A
0.010
0.250
281.60
3.00
Y
0603C9150-XX
15A
0.0065
0.250
676
3.75
Y
0603C9200-XX
20A
0.0060
0.250
1176
5.00
Y
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com