Electronic Components Datasheet Search
  English  ▼

X  

0652C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0652C
Description  5x20mm Time-lag, low breaking capacity, glass tube body cartridge fuse designed, approved and refer to IEC 60127-2, standard sheet 3.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0652C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0652C Datasheet HTML 1Page - Bel Fuse Inc. 0652C Datasheet HTML 2Page - Bel Fuse Inc. 0652C Datasheet HTML 3Page - Bel Fuse Inc. 0652C Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 0652C/0652P
Time-lag Fuse Series (Low Breaking Capacity)
belfuse.com/circuit-protection
0652C/ 0652P Series, 5x20mm Glass Tube Time-lag Fuse
RoHS Compliant
Description
5x20mm Time-lag, low breaking capacity, glass tube body cartridge fuse designed,
approved and refer to IEC 60127-2, standard sheet 3.
Features
- Reference IEC standard 60127-2, sheet 3
- Wide operating temperature range
- Bulk and Tape & Reel packing available
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
- Lead Free
Applications
Provide individual protection for components or internal circuits.
- Power supplies
- Battery charger
- Monitor
LEAD FREE =
- Adapter
HALOGEN FREE =
Physical Specifications
Electrical Characteristics (Reference IEC-127-2)
Safety Agency Approvals
Rated Current
1.5 In 2.1 In
2.75 In
4 In
10 In
MIN MAX MIN MAX MIN MAX MIN MAX
500mA-12.5 A
1
2
600
10
150
3
20
300
hr.
min.
ms
sec
ms
sec
ms
ms
Materials
Body : Glass
Cap : Nickel Plated Brass Caps
Leads : Tin Plated Copper
Marking
On Fuse :
”T”, ”Current Rating”, “L”,”250V”,
“bel”,” Appropriate Safety Logos”
On Label :
"bel", "0652C
” or "0652P”,” T”,"Current Rating", “L“,"Voltage Rating", "Interrupting
Rating”, “Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Safety
Agency
Safety
Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
E506667
500mA-12.5A
/250V AC
500mA-1A/250V AC@35A
1.25A-10A/250V AC@100A
E506667
12.5A /250V AC@100A
*I.R.= Interrupting Rating = Short Circuit Rating (Amps)
Specifications subject to change without notice


Similar Part No. - 0652C

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
06520.0-00 STEGO-06520.0-00 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
06523.0-00 STEGO-06523.0-00 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
logo
List of Unclassifed Man...
06524 ETC2-06524 Datasheet
357Kb / 3P
Wide-Vue Style Analog Panel Meters
logo
3M Electronics
06524 3M-06524 Datasheet
108Kb / 2P
Scotch™ Steel Gray Masking Paper
Jun-2013
logo
STEGO Elektrotechnik Gm...
06524.0-00 STEGO-06524.0-00 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
More results

Similar Description - 0652C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5HT BEL-5HT Datasheet
98Kb / 2P
Time-lag Fuse Series (High - Breaking Capacity)
5ST BEL-5ST Datasheet
99Kb / 2P
Time-lag Fuse Series (Low Breaking Capacity)
logo
Littelfuse
0215010TXP LITTELFUSE-0215010TXP Datasheet
359Kb / 5P
5x20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
logo
Bel Fuse Inc.
5HT BEL-5HT_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
5ST BEL-5ST Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
logo
Littelfuse
06183-15MXP LITTELFUSE-06183-15MXP Datasheet
99Kb / 1P
0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
logo
Bel Fuse Inc.
0659C BEL-0659C Datasheet
2Mb / 4P
Time - lag Fuse Series (High-Breaking Capacity)
logo
Littelfuse
213 LITTELFUSE-213 Datasheet
880Kb / 3P
5횞20mm time-Lag surge withstand glass body cartridge fuse designed to IEC specification
218 LITTELFUSE-218 Datasheet
941Kb / 4P
The 218 series fuse is a 5x20mm time-lag glass body cartridge fuse designed to IEC specification
219XA LITTELFUSE-219XA Datasheet
803Kb / 4P
5횞20mm time-Lag glass body cartridge fuse designed to IEC specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com