Electronic Components Datasheet Search
  English  ▼

X  

0679L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0679L
Description  Square Ceramic Surface Mount Quick Acting Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0679L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0679L Datasheet HTML 1Page - Bel Fuse Inc. 0679L Datasheet HTML 2Page - Bel Fuse Inc. 0679L Datasheet HTML 3Page - Bel Fuse Inc. 0679L Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0679L
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. 0679L Feb2025
Environmental Specifications
Electrical Specifications
Part Number
Ampere
Rating
(A)
Typical Cold
Resistance
(ohms)
Volt-drop
@100% In
(Volt) max.
Voltage and
Interrupting
Ratings
Melting I²T
<10m Sec
(A²Sec)
Melting I²T
@10 In
(A²Sec)
Maximum
Power
Dissipation
(W)
Agency
Approvals
0679L0250-XX
250mA
0.55
0.530
See Table of Safety
Approvals on Page
1 for Voltage and
associated
Interrupting Ratings
0.01
0.02
0.13
Y
0679L0375-XX
375mA
0.32
0.480
0.04
0.04
0.18
Y
0679L0500-XX
500mA
0.22
0.470
0.08
0.08
0.24
Y
0679L0630-XX
630mA
0.17
0.410
0.15
0.15
0.26
Y
0679L0750-XX
750mA
0.14
0.380
0.24
0.26
0.29
Y
0679L1000-XX
1A
0.09
0.280
0.51
0.54
0.28
Y
0679L1250-XX
1.25A
0.068
0.250
0.21
0.22
0.31
Y
0679L1500-XX
1.5A
0.053
0.250
0.32
0.29
0.38
Y
0679L2000-XX
2A
0.035
0.240
0.62
0.68
0.48
Y
0679L2500-XX
2.5A
0.028
0.240
0.96
1.13
0.60
Y
0679L3000-XX
3A
0.022
0.220
1.6
1.8
0.66
Y
0679L3500-XX
3.5A
0.019
0.220
2.0
2.2
0.77
Y
0679L4000-XX
4A
0.018
0.220
3.1
3.5
0.88
Y
0679L5000-XX
5A
0.014
0.200
5.3
5.5
1.00
Y
0679L6300-XX
6.3A
0.011
0.190
8.7
8.3
1.20
Y
0679L7000-XX
7A
0.010
0.175
11.1
10.8
1.23
Y
0679L8000-XX
8A
0.0085
0.170
14.8
14.1
1.36
Y
0679L9100-XX
10A
0.0064
0.150
25.7
25.7
1.50
Y
0679L9120-XX
12A
0.0054
0.140
41.0
38.9
1.68
Y
0679L9150-XX
15A
0.0038
0.130
76.7
103.5
1.95
Y
0679L9200-XX
20A
0.0032
0.130
130.5
128.0
2.60
Y
Consult manufacturer for other ratings
XX - Packa
ging code (see “ordering information”)
NOTES:
All tests were conducted with the fuses soldered to a printed circuit boards with a nominal thickness of 1.6 mm. The copper test circuit trace
was a printed circuit with an overall length of 100 mm, copper thickness/width as described
below. The printed circuit boards were mounted by screws to a test fixture having brass
blocks for connection of the test leads. All samples were soldered to the test boards by the
manufacturer.
Shock Resistance
MIL-STD-202G, Method 213B, Test Condition 1
(100 G's peak for 6 milliseconds; Sawtooth
waveform)
Vibration Resistance
MIL-STD-202G, Method 201A
(10-55 Hz, 0.06 inch, total excursion).
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test Condition B
(48 hrs.).
Insulation Resistance
MIL-STD-202G, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum.
Solderability
MIL-STD-202G, Method 208H
Resistance to solder Heat
MIL-STD-202G, Method 210F, Test Condition C.
Top Side (260
℃,20 sec)
MIL-STD-202G, Method 210F, Test Condition D.
Bottom Side (260
℃,10 sec)
Thermal Shock
MIL-STD-202G, Method 107G, Test Condition B
(-65
℃ to +125℃).
Operating Temperature
-55
℃ to +125℃
Moisture Sensitivity Level
1 (According to IPC J-Std-020)
High temperature storage
MIL-STD-202 Method 108
Temperature cycling
JESD22 Method JA-104,Test Condition B
Biased humidity
MIL-STD-202 Method 103, 85C/85% RH with
10% operating power for 1000 hrs.
Operational life
MIL-STD-202 Method 108, Test Condition D
Resistance to solvents
MIL-STD-202 Method 215
Mechanical shock
MIL-STD-202 Method 213,Test Condition C
Vibration
MIL-STD-202 Method 204
Resistance to soldering
heat
MIL-STD-202 Method 210,Test condition B
Thermal shock
MIL-STD-202 Method 107
Solderability
J-STD-002
Board flex(SMD)
AEC-Q200-005
Terminal strength
AEC-Q200-006
Electrical characterization
3 temperature electrical
Fuse rating
Test Board Trace Dimensions
250mA-5A
1 oz. copper, 5.0mm wide.
6A-20A
3 oz. copper, 10mm wide.
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com