Electronic Components Datasheet Search
  English  ▼

X  

LTM8060F Datasheet(PDF) 19 Page - Analog Devices

Part # LTM8060F
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060F Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM8060F Datasheet HTML 15Page - Analog Devices LTM8060F Datasheet HTML 16Page - Analog Devices LTM8060F Datasheet HTML 17Page - Analog Devices LTM8060F Datasheet HTML 18Page - Analog Devices LTM8060F Datasheet HTML 19Page - Analog Devices LTM8060F Datasheet HTML 20Page - Analog Devices LTM8060F Datasheet HTML 21Page - Analog Devices LTM8060F Datasheet HTML 22Page - Analog Devices LTM8060F Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Data Sheet
LTM8060F
analog.com
Rev. A
19 of 44
Figure 39. CISPR22 Class B Emissions, DC2820A-B
Demo Board, VIN= 24V, VOUT = 5V, fSW = 1.2MHz,
All Channels Paralleled, IOUT = 10A
Figure 40. CISPR25 Radiated Emission with Class 5 Peak Limit,
DC2820A-B Demo Board, VIN = 14V, VOUT = 5V,
fSW = 1.2MHz, All Channels Paralleled, IOUT = 12A
Figure 41. Output Voltage Ripple, DC2820A-B Demo
Board, VIN = 12V, VOUT = 3.3V, IOUT = 3A, fSW = 1MHz
Figure 42. Output Noise Spectrum, DC2820A-B Demo
Board, VIN = 24V, VOUT = 5V, IOUT = 3A, fSW = 1.2MHz
Figure 43. BIAS Current vs. Frequency,
12VIN to 3.3VOUT, FCM
Figure 44. Dropout Voltage vs. Load Current
NOISE FLOOR
FIXED FREQUENCY
SPREAD SPECTRUM
CLASS B PEAK LIMIT
FREQUENCY (MHz)
0
200
400
600
800
1000
–5
5
15
25
35
45
55
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM
FIXED FREQUENCY
FREQUENCY (MHz)
0
200
400
600
800
1000
0
10
20
30
40
50
500ns/DIV
5mV/DIV
AC-COUPLED
FREQUENCY (MHz)
0.01
0.1
1
10
100
1k
–60
–40
–20
0
20
40
60
NOISE FLOOR
NORMALIZED OUTPUT NOISE
SWITCHING FREQUENCY (MHz)
0
1
2
3
0
5
10
15
20
25
BURST MODE OPERATION
FCM
LOAD CURRENT (A)
0
2
4
6
0
0.4
0.8
1.2
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com