Electronic Components Datasheet Search
  English  ▼

X  

RFSA2033 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # RFSA2033
Description  Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2033 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button RFSA2033 Datasheet HTML 8Page - Qorvo, Inc RFSA2033 Datasheet HTML 9Page - Qorvo, Inc RFSA2033 Datasheet HTML 10Page - Qorvo, Inc RFSA2033 Datasheet HTML 11Page - Qorvo, Inc RFSA2033 Datasheet HTML 12Page - Qorvo, Inc RFSA2033 Datasheet HTML 13Page - Qorvo, Inc RFSA2033 Datasheet HTML 14Page - Qorvo, Inc RFSA2033 Datasheet HTML 15Page - Qorvo, Inc RFSA2033 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RFSA2033
RFDA2046
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and
registered trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS150922
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
12 of 22
Measured Negative Attenuation Slope Performance
Note: 50Ω Application Circuit – Data includes PCB and connector losses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com