Electronic Components Datasheet Search
  English  ▼

X  

1502000002 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 1502000002
Description  Hand Crimp Tool for Ditto Wing Hermaphroditic Interconnects Terminal, 26-24 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1502000002 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  1502000002 Datasheet HTML 1Page - Molex Electronics Ltd. 1502000002 Datasheet HTML 2Page - Molex Electronics Ltd. 1502000002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Molex Tooling is modified.
Applicable Parts
Description
Part Number
Ditto Hermaphroditic Crimp
Terminal, Tin Brass, Preplated Tin,
26-24 AWG
1502000002
Ditto Hermaphroditic Crimp
Terminal, Copper Nickel, Select
Gold Plating, 26-24 AWG, for High-
Temperature (-40° to +150°C)
Housing
1502000012
This document was generated on Jun 10, 2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com